Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR755FV2H6 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STR755FV2H6
Description  ARM7TDMI-S, 32-bit MCU with Flash, SMI, 3 std 16-bit timers PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR755FV2H6 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STR755FV2H6 Datasheet HTML 21Page - STMicroelectronics STR755FV2H6 Datasheet HTML 22Page - STMicroelectronics STR755FV2H6 Datasheet HTML 23Page - STMicroelectronics STR755FV2H6 Datasheet HTML 24Page - STMicroelectronics STR755FV2H6 Datasheet HTML 25Page - STMicroelectronics STR755FV2H6 Datasheet HTML 26Page - STMicroelectronics STR755FV2H6 Datasheet HTML 27Page - STMicroelectronics STR755FV2H6 Datasheet HTML 28Page - STMicroelectronics STR755FV2H6 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 73 page
background image
STR750F
Electrical parameters
25/71
3.1.6
Power Supply Schemes
When mentioned, some electrical parameters can refer to a dedicated power scheme
among the four possibilities. The four different power schemes are described below.
Power supply scheme 1: Single external 3.3 V power source
Figure 8.
Power supply scheme 1
3.3V
MAIN
VOLTAGE
GP I/Os
OUT
ADC
ADCIN
KERNEL LOGIC
BACKUP
IN
V18_BKP
(CPU &
DIGITAL &
+/-0.3V
VIO=3.3V
VDD_ADC
VSS_ADC
PLL
3.3V
3.3V
VSS_PLL
VSS_IO
VDD_IO
V18REG
VDD_PLL
VSS18
VSS_BKP
OSC32K, RTC
REGULATOR
MEMORIES)
CIRCUITRY
WAKEUP LOGIC,
VREG_DIS
BACKUP REGISTERS)
I/O LOGIC
IN STANDBY MODE THIS BLOCK IS KEPT POWERED ON
NORMAL
POWER
SWITCH
MODE
V18
10µF
33nF
1µF
1µF
LOW POWER
VOLTAGE
REGULATOR
VBACKUP
VCORE
V18
VLPVREG ~1.4V
VMVREG = 1.8V
VSS18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com