Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR755FV2H6 Datasheet(PDF) 31 Page - STMicroelectronics

Part # STR755FV2H6
Description  ARM7TDMI-S, 32-bit MCU with Flash, SMI, 3 std 16-bit timers PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR755FV2H6 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STR755FV2H6 Datasheet HTML 27Page - STMicroelectronics STR755FV2H6 Datasheet HTML 28Page - STMicroelectronics STR755FV2H6 Datasheet HTML 29Page - STMicroelectronics STR755FV2H6 Datasheet HTML 30Page - STMicroelectronics STR755FV2H6 Datasheet HTML 31Page - STMicroelectronics STR755FV2H6 Datasheet HTML 32Page - STMicroelectronics STR755FV2H6 Datasheet HTML 33Page - STMicroelectronics STR755FV2H6 Datasheet HTML 34Page - STMicroelectronics STR755FV2H6 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 73 page
background image
STR750F
Electrical parameters
31/71
3.2
Absolute maximum ratings
Stresses above those listed as “absolute maximum ratings” may cause permanent damage
to the device. This is a stress rating only and functional operation of the device under these
conditions is not implied. Exposure to maximum rating conditions for extended periods may
affect device reliability.
3.2.1
Voltage characteristics
Table 6.
Voltage characteristics
Symbol
Ratings
Min
Max
Unit
VDD_x - VSS_X
(1)
1.
All 3.3 V or 5.0 V power (VDD_IO, VDDA_ADC, VDDA_PLL) and ground (VSS_IO, VSSA_ADC, VDDA_ADC) pins
must always be connected to the external 3.3V or 5.0V supply. When powered by 3.3V, I/Os are not 5V
tolerant.
Including VDDA_ADC and VDDA_PLL
-0.3
6.5
V
V18 - VSS18
Digital 1.8 V Supply voltage on all V18
power pins (when 1.8 V is provided
externally)
-0.3
2.0
VIN
Input voltage on any pin (2)
2.
IINJ(PIN) must never be exceeded. This is implicitly insured if VIN maximum is respected. If VIN maximum
cannot be respected, the injection current must be limited externally to the IINJ(PIN) value. A positive
injection is induced by VIN>VDD while a negative injection is induced by VIN<VSS. For true open-drain pads,
there is no positive injection current, and the corresponding VIN maximum must always be respected
VSS-0.3 to
VDD_IO+0.3
VSS-0.3 to
VDD_IO+0.3
|
∆VDDx|
Variations between different 3.3 V or
5.0 V power pins
50
mV
|
∆V18x|
Variations between different 1.8 V power
pins(3)
3.
Only when using external 1.8 V power supply. All the power (V18, V18REG, V18BKP) and ground (VSS18,
VSSBKP) pins must always be connected to the external 1.8 V supply.
25
|VSSX - VSS|
Variations between all the different
ground pins
50
VESD(HBM)
Electro-static discharge voltage (Human
Body Model)
see : Absolute
Maximum
Ratings
(Electrical
Sensitivity) on
page 51
see : Absolute
Maximum
Ratings
(Electrical
Sensitivity) on
page 51
VESD(MM)
Electro-static discharge voltage (Machine
Model)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com