Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR755FV2H6 Datasheet(PDF) 55 Page - STMicroelectronics

Part # STR755FV2H6
Description  ARM7TDMI-S, 32-bit MCU with Flash, SMI, 3 std 16-bit timers PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR755FV2H6 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STR755FV2H6 Datasheet HTML 51Page - STMicroelectronics STR755FV2H6 Datasheet HTML 52Page - STMicroelectronics STR755FV2H6 Datasheet HTML 53Page - STMicroelectronics STR755FV2H6 Datasheet HTML 54Page - STMicroelectronics STR755FV2H6 Datasheet HTML 55Page - STMicroelectronics STR755FV2H6 Datasheet HTML 56Page - STMicroelectronics STR755FV2H6 Datasheet HTML 57Page - STMicroelectronics STR755FV2H6 Datasheet HTML 58Page - STMicroelectronics STR755FV2H6 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 73 page
background image
STR750F
Electrical parameters
55/71
Table 32.
Output driving current
I/O Output Drive characteristics for
VDD_IO = 3.0 to 3.6 V and EN33 bit =1
or VDD_IO = 4.5 to 5.5 V and EN33 bit =0
I/O
Type
Symbol
Parameter
Conditions
Min
Max
Unit
O2
VOL
(1)
1.
The IIO current sunk must always respect the absolute maximum rating specified in Section 3.2.2 and the
sum of IIO (I/O ports and control pins) must not exceed IVSS_IO.
Output low level voltage for a standard
I/O pin when 8 pins are sunk at same
time
IIO=+2 mA
0.4
V
VOH
(2)
2.
The IIO current sourced must always respect the absolute maximum rating specified in Section 3.2.2 and
the sum of IIO (I/O ports and control pins) must not exceed IVDD_IO.
Output high level voltage for an I/O pin
when 4 pins are sourced at same time
IIO=-2 mA
VDD_IO-0.8
O4
VOL
(1)
Output low level voltage for a standard
I/O pin when 8 pins are sunk at same
time
IIO=+4 mA
0.4
VOH
(2)
Output high level voltage for an I/O pin
when 4 pins are sourced at same time
IIO=-4 mA
VDD_IO-0.8
O8
VOL
(1)
Output low level voltage for a standard
I/O pin when 8 pins are sunk at same
time
IIO=+8 mA
0.4
Output low level voltage for a high sink
I/O pin when 4 pins are sunk at same
time
IIO=+20 mA,
TA≤85°C
TA≥85°C
1.3
1.5
IIO=+8 mA
0.4
VOH
(2)
Output high level voltage for an I/O pin
when 4 pins are sourced at same time
IIO=-8 mA
VDD_IO-0.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com