Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR755FV2H6 Datasheet(PDF) 60 Page - STMicroelectronics

Part # STR755FV2H6
Description  ARM7TDMI-S, 32-bit MCU with Flash, SMI, 3 std 16-bit timers PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR755FV2H6 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button STR755FV2H6 Datasheet HTML 56Page - STMicroelectronics STR755FV2H6 Datasheet HTML 57Page - STMicroelectronics STR755FV2H6 Datasheet HTML 58Page - STMicroelectronics STR755FV2H6 Datasheet HTML 59Page - STMicroelectronics STR755FV2H6 Datasheet HTML 60Page - STMicroelectronics STR755FV2H6 Datasheet HTML 61Page - STMicroelectronics STR755FV2H6 Datasheet HTML 62Page - STMicroelectronics STR755FV2H6 Datasheet HTML 63Page - STMicroelectronics STR755FV2H6 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 73 page
background image
Electrical parameters
STR750F
60/71
Table 36.
PWM Timer (PWM)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tres(PWM)
PWM resolution time
fCK_TIM(MAX) = fCK_SYS
1tCK_TIM
fCK_TIM = fCK_SYS =
60 MHz
16.6(1)
ns
ResPWM
PWM resolution
16
bit
VOS
(1)
1.
Take into account the frequency limitation due to the I/O speed capability when outputting the PWM to an
I/O pin, as described in : Output speed on page 56.
PWM/DAC output step
voltage
VDD_IO=3.3 V, Res=16-bits
50(1)
µV
VDD_IO=5.0 V, Res=16-bits
76(1)
µV
tCOUNTER
Timer clock period
when internal clock is
selected
1
65536
tCK_TIM
fCK_TIM=60 MHz
0.0166
1087
µs
tMAX_COUNT
Maximum Possible
Count
65536x
65536
tCK_TIM
fCK_TIM = fCK_SYS =
60 MHz
71.58
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com