Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR755FV2H6 Datasheet(PDF) 35 Page - STMicroelectronics

Part # STR755FV2H6
Description  ARM7TDMI-S, 32-bit MCU with Flash, SMI, 3 std 16-bit timers PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR755FV2H6 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STR755FV2H6 Datasheet HTML 31Page - STMicroelectronics STR755FV2H6 Datasheet HTML 32Page - STMicroelectronics STR755FV2H6 Datasheet HTML 33Page - STMicroelectronics STR755FV2H6 Datasheet HTML 34Page - STMicroelectronics STR755FV2H6 Datasheet HTML 35Page - STMicroelectronics STR755FV2H6 Datasheet HTML 36Page - STMicroelectronics STR755FV2H6 Datasheet HTML 37Page - STMicroelectronics STR755FV2H6 Datasheet HTML 38Page - STMicroelectronics STR755FV2H6 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 73 page
background image
STR750F
Electrical parameters
35/71
3.3.4
Supply current characteristics
The current consumption is measured as described in Figure 12 on page 29 and Figure 13
on page 29.
Subject to general operating conditions for VDD_IO, and TA
Maximum power consumption
For the measurements in Table 12 and Table 13, the MCU is placed under the following
conditions:
●
All I/O pins are configured in output push-pull 0
●
All peripherals are disabled except if explicitly mentioned.
●
Embedded Regulators are used to provide 1.8 V (except if explicitly mentioned).
Table 12.
Maximum power consumption in RUN and WFI modes
Symbol
Parameter
Conditions (1)
1.
The conditions for these consumption measurements are described at the beginning of Section 3.3.4.
Typ(2)
2.
Typical data are based on TA=25°C, VDD_IO=3.3V or 5.0V and V18=1.8V unless otherwise specified.
Max (3)
3.
Data based on product characterisation, tested in production at VDD_IO max and V18 max (1.95V in dual
supply mode or regulator output value in single supply mode) and TA max.
Unit
IDD
Supply current in
RUN mode
External Clock with PLL
multiplication, code running from
RAM, all peripherals enabled in the
MRCC_PLCKEN register: fHCLK=60
MHz, fPCLK=30 MHz
Single supply scheme see Figure 12
/ Figure 14
3.3V
and 5V
range
80
90
mA
Supply current in
WFI mode
External Clock, code running from
RAM: fHCLK=60 MHz, fPCLK=30 MHz
Single supply scheme see
Figure 12./ Figure 14
Parameter setting BURST=1,
WFI_FLASHEN=1
3.3V
and 5V
range
62
67
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com