Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR755FV2H6 Datasheet(PDF) 40 Page - STMicroelectronics

Part # STR755FV2H6
Description  ARM7TDMI-S, 32-bit MCU with Flash, SMI, 3 std 16-bit timers PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR755FV2H6 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STR755FV2H6 Datasheet HTML 36Page - STMicroelectronics STR755FV2H6 Datasheet HTML 37Page - STMicroelectronics STR755FV2H6 Datasheet HTML 38Page - STMicroelectronics STR755FV2H6 Datasheet HTML 39Page - STMicroelectronics STR755FV2H6 Datasheet HTML 40Page - STMicroelectronics STR755FV2H6 Datasheet HTML 41Page - STMicroelectronics STR755FV2H6 Datasheet HTML 42Page - STMicroelectronics STR755FV2H6 Datasheet HTML 43Page - STMicroelectronics STR755FV2H6 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 73 page
background image
Electrical parameters
STR750F
40/71
Subject to general operating conditions for VDD_IO, and TA
Table 15.
Dual supply supply typical power consumption in Run, WFI, Slow and
Slow-WFI modes
To calculate the power consumption in Dual supply mode, refer to the values given in Table 14. and
consider that this consumption is split as follows:
IDD(single supply)~IDD(dual supply)= IDD_V18 + IDD(VDD_IO)
For 3.3V range: IDD(VDD_IO) ~ 1 to 2 mA
For 5V range: IDD(VDD_IO) ~ 2 to 3 mA
Therefore most of the consumption is sunk on the V18 power supply
This formula does not apply in STOP and STANDBY modes, refer to Table 16.
Table 16.
Typical power consumption in STOP and STANDBY modes
Symbol
Parameter
Conditions
3.3V
Typ(1)
5V
Typ(2)
Unit
IDD
(3)
Supply current
in STOP
mode(4)
LP_PARAM bits: ALL OFF(5)
12
15
µA
LP_PARAM bits : MVREG ON, OSC4M OFF, FLASH
OFF(6)
130
135
LP_PARAM bits: MVREG ON, OSC4M ON , FLASH
OFF(6)
1950
1930
LP_PARAM bits: MVREG ON, OSC4M OFF, FLASH ON (6)
630
635
LP_PARAM bits: MVREG ON, OSC4M ON, FLASH ON (6)
2435
2425
Supply current
in STOP
mode(7)
LPPARAM bits: ALL OFF, with V18=1.8 V
IDD_V18
IDD_V33
5
<1
5
<1
µA
LP_PARAM bits: OSC4M ON, FLASH OFF
IDD_V18
IDD_V33
410
1475
410
1435
LP_PARAM bits: OSC4M OFF, FLASH ON
IDD_V18
IDD_V33
550
<1
550
1
LP_PARAM bits: OSC4M ON, FLASH ON
IDD_V18
IDD_V33
910
1475
910
1445
Supply current
in STANDBY
mode(4)
RTC OFF
11
14
µA
RTC ON clocked by OSC32K
14
18
1.
Typical data are based on TA=25°C, VDD_IO=3.3 V and V18=1.8 V unless otherwise indicated in the table.
2.
Typical data are based on TA=25°C, VDD_IO=5.0 V and V18=1.8 V unless otherwise indicated in the table.
3.
The conditions for these consumption measurements are described at the beginning of Section 3.3.4 on page 35.
4.
Single supply scheme see Figure 12.
5.
In this mode, the whole digital circuitry is powered internally by the LPVREG at approximately 1.4 V, which significantly
reduces the leakage currents.
6.
In this mode, the whole digital circuitry is powered internally by the MVREG at 1.8 V.
7.
Dual supply scheme see Figure 13.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com