Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR755FV2H6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STR755FV2H6
Description  ARM7TDMI-S, 32-bit MCU with Flash, SMI, 3 std 16-bit timers PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR755FV2H6 Datasheet(HTML) 1 Page - STMicroelectronics

  STR755FV2H6 Datasheet HTML 1Page - STMicroelectronics STR755FV2H6 Datasheet HTML 2Page - STMicroelectronics STR755FV2H6 Datasheet HTML 3Page - STMicroelectronics STR755FV2H6 Datasheet HTML 4Page - STMicroelectronics STR755FV2H6 Datasheet HTML 5Page - STMicroelectronics STR755FV2H6 Datasheet HTML 6Page - STMicroelectronics STR755FV2H6 Datasheet HTML 7Page - STMicroelectronics STR755FV2H6 Datasheet HTML 8Page - STMicroelectronics STR755FV2H6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 73 page
background image
October 2006
Rev 2
1/71
1
STR750F
ARM7TDMI-S™ 32-bit MCU with Flash, SMI, 3 std 16-bit timers,
PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
■ Core
– ARM7TDMI-S 32-bit RISC CPU
– 54 DMIPS @ 60 MHz
■ Memories
– Up to 256 KB Flash program memory (10k
erase/write cycles, retention 20 yrs at
85°C)
– 16KB Read-While-Write Flash for data
(100k erase/write cycles, retention 20 yrs@
85°C)
– Flash Data Readout and Write Protection
– 16KBytes embedded high speed SRAM
– Memory mapped interface (SMI) to ext.
Serial Flash (64 MB) w. boot capability
■ Clock, Reset and Supply Management
– Single supply 3.3V ±10% or 5V ±10%
– Embedded 1.8V Voltage Regulators with
Low Power features
– Smart Clock Controller with flexible clock
generation capability:
– Internal RC for fast start-up and backup
clock mechanism
– Up to 60 MHz operation using internal PLL
with 4 or 8 MHz crystal/ceramic osc.
– Smart Low Power Modes: SLOW, WFI,
STOP and STANDBY with backup registers
– Real Time Clock, driven by low power
internal RC or 32.768 kHz dedicated osc,
for clock-calendar and Auto Wake-up
■ Nested interrupt controller
– Fast interrupt handling with 32 vectors
– 16 IRQ priorities, 2 maskable FIQ sources
– 16 external interrupt / wake-up Lines
■ DMA
– 4-channel DMA controller
– Circular buffer management
– Support for UART, SSP, Timers, ADC
■ 6 Timers
– 16-bit watchdog timer (WDG)
– 16-bit timer for system timebase functions
– 3 synchronizable timers each with up to 2
input captures and 2 output
compare/PWMs.
– 16-bit 6-channel synchronizable PWM
timer
– Dead time generation, edge/center-aligned
waveforms and emergency stop
– Ideal for induction/brushless DC motors
■ 8 Communications Interfaces
–1 I2C interface
– 3 HiSpeed UARTs w. Modem/LIN capability
– 2 SSP interfaces (SPI or SSI) up to 16 Mb/s
– 1 CAN interface (2.0B Active)
– 1 USB full-speed 12 Mb/s interface with 8
configurable endpoint sizes
■ 10-bit A/D Converter
– 16/11 chan. with prog. Scan Mode & FIFO
– Programmable Analog Watchdog feature
– Conversion: min. 3.75 µs, range: 0 to
VDD_IO
– Start conversion can be triggered by timers
■ Up to 72/38 I/O ports
– 72/38 GPIO lines with High Sink
capabilities
– Atomic bit SET and RES operations
LQFP64 10x10 mm
LQFP100 14 x 14 mm
LFBGA64
8 x 8 x 1.7 mm
LFBGA100
10 x 10 x 1.7 mm
www.st.com


Similar Part No. - STR755FV2H6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STR755FV2H6 STMICROELECTRONICS-STR755FV2H6 Datasheet
1Mb / 81P
ARM7TDMI-S??32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
04-Jul-2007
STR755FV2H6 STMICROELECTRONICS-STR755FV2H6 Datasheet
2Mb / 84P
ARM7TDMI-S??32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
23-Oct-2007
STR755FV2H6 STMICROELECTRONICS-STR755FV2H6 Datasheet
1Mb / 84P
ARM7TDMI-S??32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
17-Feb-2009
More results

Similar Description - STR755FV2H6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STR71XF STMICROELECTRONICS-STR71XF Datasheet
678Kb / 49P
ARM7TDMI 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
19-Apr-2005
STR710F STMICROELECTRONICS-STR710F Datasheet
659Kb / 49P
ARM7TDMI™ 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
19-Apr-2005
STRT71XF STMICROELECTRONICS-STRT71XF Datasheet
1Mb / 74P
ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
22-May-2006
STR750FXX STMICROELECTRONICS-STR750FXX Datasheet
1Mb / 81P
ARM7TDMI-S??32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
04-Jul-2007
STR71XF STMICROELECTRONICS-STR71XF_07 Datasheet
1Mb / 77P
ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
20-Mar-2007
STR750FXX STMICROELECTRONICS-STR750FXX_1 Datasheet
2Mb / 84P
ARM7TDMI-S??32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
23-Oct-2007
STR71XF STMICROELECTRONICS-STR71XF_08 Datasheet
1Mb / 78P
ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
13-Feb-2008
STR73XFXX STMICROELECTRONICS-STR73XFXX Datasheet
1Mb / 52P
ARM7TDMI??32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
08-Jun-2008
STR750FXX STMICROELECTRONICS-STR750FXX_09 Datasheet
1Mb / 84P
ARM7TDMI-S??32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
17-Feb-2009
STR71XFXX STMICROELECTRONICS-STR71XFXX Datasheet
1Mb / 80P
ARM7TDMI??32-bit MCU with Flash, USB, CAN, 5 timers, ADC, 10 communication interfaces
03-Apr-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com