Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR755FV2H6 Datasheet(PDF) 67 Page - STMicroelectronics

Part # STR755FV2H6
Description  ARM7TDMI-S, 32-bit MCU with Flash, SMI, 3 std 16-bit timers PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR755FV2H6 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button STR755FV2H6 Datasheet HTML 63Page - STMicroelectronics STR755FV2H6 Datasheet HTML 64Page - STMicroelectronics STR755FV2H6 Datasheet HTML 65Page - STMicroelectronics STR755FV2H6 Datasheet HTML 66Page - STMicroelectronics STR755FV2H6 Datasheet HTML 67Page - STMicroelectronics STR755FV2H6 Datasheet HTML 68Page - STMicroelectronics STR755FV2H6 Datasheet HTML 69Page - STMicroelectronics STR755FV2H6 Datasheet HTML 70Page - STMicroelectronics STR755FV2H6 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 73 page
background image
STR750F
Electrical parameters
67/71
Figure 32.
ADC accuracy characteristics
Table 42.
ADC accuracy
ADC Accuracy with fCK_SYS = 20 MHz, fADC=8 MHz, RAIN < 10 kΩ
This assumes that the ADC is calibrated(1)
1.
Calibration is needed once after each power-up.
Symbol
Parameter
Conditions
Typ
Max
Unit
|ET|
Total unadjusted error (2) (3)
2.
Refer to ADC Accuracy vs. Negative Injection Current on page 65
3.
ADC Accuracy vs. MCO (Main Clock Output): the ADC accuracy can be significantly degraded when
activating the MCO on pin P0.01 while converting an analog channel (especially those which are close to
the MCO pin). To avoid this, when an ADC conversion is launched, it is strongly recommended to disable
the MCO.
VDDA_ADC=3.3 V
1
1.2
LSB
VDDA_ADC=5.0 V
1
1.2
|EO|
Offset error(2) (3)
VDDA_ADC=3.3 V
0.15
0.5
VDDA_ADC=5.0 V
0.15
0.5
EG
Gain Error (2) (3)
VDDA_ADC=3.3 V
-0.8
-0.2
VDDA_ADC=5.0 V
-0.8
-0.2
|ED|
Differential linearity error(2) (3)
VDDA_ADC=3.3 V
0.7
0.9
VDDA_ADC=5.0 V
0.7
0.9
|EL|
Integral linearity error (2) (3)
VDDA_ADC=3.3 V
0.6
0.8
VDDA_ADC=5.0 V
0.6
0.8
EO
EG
1LSBIDEAL
1LSB
IDEAL
V
DDA
V
SSA
–
1024
-----------------------------------------
=
Vin
(1) Example of an actual transfer curve
(2) The ideal transfer curve
(3) End point correlation line
ET=Total Unadjusted Error: maximum deviation
between the actual and the ideal transfer curves.
EO=Offset Error: deviation between the first actual
transition and the first ideal one.
EG=Gain Error: deviation between the last ideal
transition and the last actual one.
ED=Differential Linearity Error: maximum deviation
between actual steps and the ideal one.
EL=Integral Linearity Error: maximum deviation
between any actual transition and the end point
correlation line.
Digital Result ADCDR
1023
1022
1021
5
4
3
2
1
0
7
6
1
2
3
4567
1021 1022 1023 1024
(1)
(2)
ET
ED
EL
(3)
VDDA
VSSA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com