Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSG14K_CSG8K Datasheet(PDF) 78 Page - ams AG

Part # CSG14K_CSG8K
Description  13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CSG14K_CSG8K Datasheet(HTML) 78 Page - ams AG

Back Button CSG14K_CSG8K Datasheet HTML 74Page - ams AG CSG14K_CSG8K Datasheet HTML 75Page - ams AG CSG14K_CSG8K Datasheet HTML 76Page - ams AG CSG14K_CSG8K Datasheet HTML 77Page - ams AG CSG14K_CSG8K Datasheet HTML 78Page - ams AG CSG14K_CSG8K Datasheet HTML 79Page - ams AG CSG14K_CSG8K Datasheet HTML 80Page - ams AG CSG14K_CSG8K Datasheet HTML 81Page - ams AG CSG14K_CSG8K Datasheet HTML 82Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 113 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v1-00 • 2020-Dec-15
112
│ 77
Equation 9:
������������ℎ������������������������������_������������������ = 32 ∗ ������������������������_������������������
Disabling shutter lag is not possible in the 10-bit short exposure more (IMG.2) and the 12-bit short
exposure mode (IMG.5).
7.5.2
Row Length
Figure 91:
Row Length Register
Register Name
Bank
Addr
Bits
Description
ROW_LENGTH
4
18-19
[13:0]
See below
The row length trow defines the DVAL frequency during readout; it can be programmed in number of
CLK_PIX cycles with the ROW_LENGTH register.
The row length has a minimum value because a number of parallel processes in the sensor need to
be completed within one row time. The minimal row length depends on the number of outputs used
(see equations in section 7.4.3).
The maximal row length value is only constrained by the 14 bits size of register.
Fine frame rate adjustments are done through external timing or with the FRAME_TIME register.
Changing the row length only influences the DVAL frequency within a readout sequence. This can be
useful when smaller or slower row buffers are used in the external system.
An exception to this rule is the in-line streaming mode, where the ROW_LENGTH register does
directly alter the frame rate.
7.5.3
Vertical Windowing
The sensor supports multiple windows in the vertical direction to create regions of interest (ROI).
Row Addressing
As introduced in section 7.1.1, the sensor has buffer pixels rows above and below the effective pixels.
Every row in the array is paired with a physical row address. This row address is used to specify
vertical ROI positions as described in next section.
Row addresses are assigned in ascending order starting from 0 for the row closest to the package pin
row 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com