Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSG14K_CSG8K Datasheet(PDF) 47 Page - ams AG

Part # CSG14K_CSG8K
Description  13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CSG14K_CSG8K Datasheet(HTML) 47 Page - ams AG

Back Button CSG14K_CSG8K Datasheet HTML 43Page - ams AG CSG14K_CSG8K Datasheet HTML 44Page - ams AG CSG14K_CSG8K Datasheet HTML 45Page - ams AG CSG14K_CSG8K Datasheet HTML 46Page - ams AG CSG14K_CSG8K Datasheet HTML 47Page - ams AG CSG14K_CSG8K Datasheet HTML 48Page - ams AG CSG14K_CSG8K Datasheet HTML 49Page - ams AG CSG14K_CSG8K Datasheet HTML 50Page - ams AG CSG14K_CSG8K Datasheet HTML 51Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 113 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v1-00 • 2020-Dec-15
112
│ 46
Figure 48:
Special Control Timing: PE and TI Comparison
#
Special Timing
Programmed External
Response
Triggered Internal
Response
PE_i0
REQ_EXP during GLOB
Will corrupt next frame
= TI_s0
Sequence length extended by 1
frame with every new request
PE_s0
REQ_EXP during EXPOSURE
Will stop EXPOSURE and start new
one
Impossible situation: EXPOSURE
by construction never finishes
during READOUT or GLOB
PE_i1
EXPOSURE time expires during
GLOB
Will corrupt next frame
PE_s1
EXPOSURE time expires during
READOUT
Will stop READOUT and start new
GLOB
TI_s0
REQ_EXP before last READOUT
of sequence has started
= PE_i0 or PE_s0
Extend sequence length
TI_s1
REQ_EXP after last READOUT
of sequence has started
Will start new exposure immediately,
resulting in default behavior or PE_s1
Will start new exposure (directly or
after delay, see Figure 47)
In summary:
●
Triggered Internal is the more forgiving mode. It adjusts the actual timing and scheduling of
events as needed to always yield complete and correct images.
●
Programmed External mode (and by extend also Full External mode) however directly responds
to external requests at the cost of possibly corrupting or interrupting images but no missing
higher priority exposures.
Control Mode 3: Streaming
Streaming mode is nothing else than Triggered Internal mode with an infinite sequence length.
After starting the Streaming mode with a rising edge on REQ_EXP, it will keep on generating a
continuous stream of frames forever until stopped explicitly (via sensor reset or HALT command; see
section 7.2.8). As in Triggered Internal mode, the entire frame configuration is done by register upload.
Next figure shows the state diagram of the Streaming mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com