Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSG14K_CSG8K Datasheet(PDF) 20 Page - ams AG

Part # CSG14K_CSG8K
Description  13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CSG14K_CSG8K Datasheet(HTML) 20 Page - ams AG

Back Button CSG14K_CSG8K Datasheet HTML 16Page - ams AG CSG14K_CSG8K Datasheet HTML 17Page - ams AG CSG14K_CSG8K Datasheet HTML 18Page - ams AG CSG14K_CSG8K Datasheet HTML 19Page - ams AG CSG14K_CSG8K Datasheet HTML 20Page - ams AG CSG14K_CSG8K Datasheet HTML 21Page - ams AG CSG14K_CSG8K Datasheet HTML 22Page - ams AG CSG14K_CSG8K Datasheet HTML 23Page - ams AG CSG14K_CSG8K Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 113 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v1-00 • 2020-Dec-15
112
│ 19
7.1.3
ADC
The column ADC converts the analog pixel value to a 10/12-bit value.
7.1.4
DPP
The DPP blocks perform digital operations on the visible pixel data: digital offset, digital gain, row
noise correction.
7.1.5
Sub-LVDS Outputs
The sensor has 16 data channels to output the processed data. Every channel outputs the data of 480
columns when reading the recommended pixel array. Multiplexing the data on fewer outputs is
supported as well.
7.1.6
Sequencer
The on-chip sequencer will generate all required control signals to operate the sensor from only a few
external control signals. This sequencer can be activated and programmed through the SPI interface.
The sequencer includes the following features:
●
SPI protocol and register banks management.
●
Exposure and frame timing generation based on external inputs or internal settings.
●
Dual exposure HDR mode.
●
Y-windowing, Y-subsampling and binning.
●
Statistics data gathering.
7.1.7
SPI Interface
The SPI interface is used to load the on-chip registers with settings to configure the image sensor.
Features like exposure time, windowing, and subsampling are programmed using this interface. The
settings in the on-chip registers can also be read back for test and debug of the surrounding system.
7.1.8
Temperature Sensor
Two on-chip thermal sensors are included (one on the top right side and one on the bottom right side
of the pixel array). The temperature data is read out through the SPI interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com