Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSG14K_CSG8K Datasheet(PDF) 17 Page - ams AG

Part # CSG14K_CSG8K
Description  13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CSG14K_CSG8K Datasheet(HTML) 17 Page - ams AG

Back Button CSG14K_CSG8K Datasheet HTML 13Page - ams AG CSG14K_CSG8K Datasheet HTML 14Page - ams AG CSG14K_CSG8K Datasheet HTML 15Page - ams AG CSG14K_CSG8K Datasheet HTML 16Page - ams AG CSG14K_CSG8K Datasheet HTML 17Page - ams AG CSG14K_CSG8K Datasheet HTML 18Page - ams AG CSG14K_CSG8K Datasheet HTML 19Page - ams AG CSG14K_CSG8K Datasheet HTML 20Page - ams AG CSG14K_CSG8K Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 113 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v1-00 • 2020-Dec-15
112
│ 16
7
Functional Description
7.1
Sensor Architecture
Figure 2 shows a high-level representation of the chip architecture for the CSG14K_CSG8K sensor.
The drawing shows the pixel array and the periphery around it that enables the control and readout of
the pixels.
The core of the image sensor is made up from the pixel array, which is driven from two sides through
row logic and drivers. The pixel data is read out, row by row, using a data path consisting of an sample
and hold stage (S&H), analog-to-digital converter (ADC) and a digital data post-processing (DPP)
block. The top part of the pixel array is read out via the top outputs, while the bottom part is read via
the bottom outputs.
The converted data is sent, pixel by pixel, to a configurable number of data output channels. An
additional control (CTR) channel provides synchronization information about the data on the data
channels, while a specific CLK channel can be used to sample the data channels.
An optional output channel allows reading out OB pixel columns on the right side of the pixel array.
The on-chip PLL transforms a low-frequency CMOS input clock into all the high frequency clocks
needed to operate the sensor.
An on-chip sequencer controls the sensor operation and contains SPI programmable registers.
Two on-chip temperature sensors and an OTP memory are available.
7.1.1
Pixel Array
This section is split-up between CSG14K and CSG8K. The pixel array of the CSG8K is very similar to
the pixel array of the CSG14K, except that some rows cannot be read out to limit vertical resolution in
CSG8K. Refer to chapter 7.5.3 for more details on which rows can be addressed.
Pixel Array of the CSG14K
Figure 11 shows the complete pixel array.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com