Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSG14K_CSG8K Datasheet(PDF) 36 Page - ams AG

Part # CSG14K_CSG8K
Description  13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CSG14K_CSG8K Datasheet(HTML) 36 Page - ams AG

Back Button CSG14K_CSG8K Datasheet HTML 32Page - ams AG CSG14K_CSG8K Datasheet HTML 33Page - ams AG CSG14K_CSG8K Datasheet HTML 34Page - ams AG CSG14K_CSG8K Datasheet HTML 35Page - ams AG CSG14K_CSG8K Datasheet HTML 36Page - ams AG CSG14K_CSG8K Datasheet HTML 37Page - ams AG CSG14K_CSG8K Datasheet HTML 38Page - ams AG CSG14K_CSG8K Datasheet HTML 39Page - ams AG CSG14K_CSG8K Datasheet HTML 40Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 113 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v1-00 • 2020-Dec-15
112
│ 35
Figure 32:
State Chart: Pipelined Operation
When exiting IDLE state, the first EXPOSURE period starts. Just like in the sequential operation, this
flows into a GLOB state, which in its turn starts the READOUT of a frame. Depending on the sensor
control or configuration (see 7.2.7 for details and options), a new EXPOSURE may start when the
READOUT is still busy.
At the end of the READOUT period, there are two options:
●
No new EXPOSURE got started. The sensor will return to IDLE.
●
A new EXPOSURE did get started. The sensor will wait until this new EXPOSURE finishes,
before moving back to GLOB, which will always trigger a new READOUT.
Shutter Lag
The shutter lag is the delay between the start and end of the EXPOSURE state and the start and end
of the actual exposure. The actual exposure is the time where the sensor is actually capturing and
integrating light. Figure 33 illustrates the shutter lag.
1st
EXPOSURE
GLOB
IDLE
RESET
READOUT
(N)
EXPOSURE
(N+1)
(no new exposure)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com