Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSG14K_CSG8K Datasheet(PDF) 39 Page - ams AG

Part # CSG14K_CSG8K
Description  13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CSG14K_CSG8K Datasheet(HTML) 39 Page - ams AG

Back Button CSG14K_CSG8K Datasheet HTML 35Page - ams AG CSG14K_CSG8K Datasheet HTML 36Page - ams AG CSG14K_CSG8K Datasheet HTML 37Page - ams AG CSG14K_CSG8K Datasheet HTML 38Page - ams AG CSG14K_CSG8K Datasheet HTML 39Page - ams AG CSG14K_CSG8K Datasheet HTML 40Page - ams AG CSG14K_CSG8K Datasheet HTML 41Page - ams AG CSG14K_CSG8K Datasheet HTML 42Page - ams AG CSG14K_CSG8K Datasheet HTML 43Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 113 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v1-00 • 2020-Dec-15
112
│ 38
The control mode is set with the CTRL_MODE register, as listed in Figure 36.
Figure 36:
Control Modes
CTRL MODE
Name
External Control
Internal Control
0
Full external
Start of exposure.
End of exposure (starting readout).
Readout details.
1
Programmed external
Start of exposure.
Length of exposure.
Readout details.
2
Triggered internal
A finite sequence of 1 or more consecutive frames.
Length of exposure.
Frame rate.
Sequence length.
Readout details.
3
Streaming
An infinite sequence of consecutive frames.
Length of exposure.
Frame rate.
Readout details.
4
In-line streaming(1)
(1)
The in-line streaming mode is a special case, dedicated to readout with v
ery small window sizes for “line scan”-like
applications. As it differs quite a lot from the other control modes, it is only mentioned here for completeness' sake and
will be further detailed in section 7.8.2.
Each of these control modes is introduced in one of the following sections.
Control Mode 0: Full External
In the Full External control mode, the exposure timing is fully controlled with the sensor input pins:
●
A rising edge on REQ_EXP moves the sensor to the EXPOSURE state
●
A rising edge on REQ_FRAME moves the sensor to the GLOB state, which will be
automatically followed by READOUT.
The length of the EXPOSURE state will exactly match the time between the rising edges of both
triggers.
In the figure below, the state diagrams of sequential and pipelined operation are annotated with the
external control events.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com