Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSG14K_CSG8K Datasheet(PDF) 41 Page - ams AG

Part # CSG14K_CSG8K
Description  13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CSG14K_CSG8K Datasheet(HTML) 41 Page - ams AG

Back Button CSG14K_CSG8K Datasheet HTML 37Page - ams AG CSG14K_CSG8K Datasheet HTML 38Page - ams AG CSG14K_CSG8K Datasheet HTML 39Page - ams AG CSG14K_CSG8K Datasheet HTML 40Page - ams AG CSG14K_CSG8K Datasheet HTML 41Page - ams AG CSG14K_CSG8K Datasheet HTML 42Page - ams AG CSG14K_CSG8K Datasheet HTML 43Page - ams AG CSG14K_CSG8K Datasheet HTML 44Page - ams AG CSG14K_CSG8K Datasheet HTML 45Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 113 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v1-00 • 2020-Dec-15
112
│ 40
The figure shows how the Full External control mode can be used to (from top to bottom):
●
Operate the sensor in Sequential Operation mode.
●
Operate the sensor in Pipelined Operation mode, with the parallel exposure extending beyond
the readout phase.
●
Operate the sensor in Pipelined Operation mode, with the parallel exposure ending together
with the readout phase (gives maximum frame rate).
Except for the invalid timings listed in Figure 39 the requests on REQ_EXP and REQ_FRAME can be
freely placed anywhere by the external controller. This will result in the most flexible external control
possible with this sensor (start and end exposure at any possible time, freely vary exposure time from
frame to frame, interrupt frames being read to start a new readout).
Figure 39:
Full External Mode: Invalid Control Timing
#
Invalid Control Timing
Sensor Response
FE_i0
REQ_EXP during GLOB
Will disrupt the GLOB execution, causing the READOUT that naturally
follows the GLOB phase to contain corrupted data.
FE_i1
REQ_FRAME during GLOB
Will initiate a new GLOB, followed by READOUT. Image data in this
READOUT will be corrupt.
FE_i2
2 consecutive REQ_FRAME,
without REQ_EXP in between
Second REQ_FRAME will initiate GLOB followed by READOUT. Since there
has not been EXPOSURE, the image data in the second frame will be
corrupt.
FE_i3
REQ_FRAME when sensor is IDLE
Same as above: READOUT without EXPOSURE results in corrupted image.
The table below lists some special cases that are not part of the table above and are therefore not
illegal (though they each do have some consequences)
Figure 40:
Full External Mode: Special Control Timing
#
Special Control Timing
Sensor Response
FE_s0
REQ_EXP during
EXPOSURE
Will initiate a new EXPOSURE, erasing all previously integrated information. The
next REQ_FRAME will initiate a GLOB+READOUT that will contain image data of
only the second EXPOSURE.
FE_s1
REQ_FRAME during
READOUT
Will immediately interrupt the active READOUT to start a new GLOB, followed by
a new READOUT. The image information of the first READOUT which had not
been read will be forever lost. The new READOUT will be complete and correct (if
not violating FE_i2, Figure 39).
The figure below shows an example of the cases listed in Figure 40.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com