Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSG14K_CSG8K Datasheet(PDF) 46 Page - ams AG

Part # CSG14K_CSG8K
Description  13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CSG14K_CSG8K Datasheet(HTML) 46 Page - ams AG

Back Button CSG14K_CSG8K Datasheet HTML 42Page - ams AG CSG14K_CSG8K Datasheet HTML 43Page - ams AG CSG14K_CSG8K Datasheet HTML 44Page - ams AG CSG14K_CSG8K Datasheet HTML 45Page - ams AG CSG14K_CSG8K Datasheet HTML 46Page - ams AG CSG14K_CSG8K Datasheet HTML 47Page - ams AG CSG14K_CSG8K Datasheet HTML 48Page - ams AG CSG14K_CSG8K Datasheet HTML 49Page - ams AG CSG14K_CSG8K Datasheet HTML 50Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 113 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v1-00 • 2020-Dec-15
112
│ 45
●
The frame rate will not change: the first GLOB of the new sequence will be exactly 'frame
time' after the last GLOB of the active sequence.
●
If (1) > (2)
●
The new EXPOSURE will start immediately.
●
Because (1) is larger than (2), this EXPOSURE will end after the last frame would have
finished.
●
This causes a temporary drop in frame rate.
The figure below shows the following cases (in all cases, the requested sequence is 2 frames long):
Figure 47:
Timing Diagram: Special Control Timing in Triggered Internal Mode
(a)
Normal timing
→ Capture 2 frames and go back to idle
when done
(c)
TI_s1, (1) < (2)
→ New EXPOSURE delayed to
guarantee programmed frame rate
(b)
TI_s0
→ New request before last frame is active;
extend sequence length to 4
(d)
TI_s1, (1) > (2)
→ Temporary frame rate decrease to
guarantee complete exposure time
Programmed External vs Triggered Internal
The attentive reader may have noticed that the Triggered Internal mode with a sequence length of 1 is
quite similar to the Programmed External mode. This is mainly true, yet both differ in the way they
handle new REQ_EXP requests if the sensor is not IDLE.
EXPOSURE (2)
EXPOSURE (3)
EXPOSURE (1)
REQ_EXP
SENSOR STATE
EXPOSURE (0)
IDLE
GLOB
READOUT (0)
GLOB
READOUT (1)
IDLE
> Frame time
(a)
EXPOSURE (1)
REQ_EXP
SENSOR STATE
EXPOSURE (0)
IDLE
GLOB
READOUT (0)
GLOB
READOUT (1)
(b)
GLOB
READOUT (2)
GLOB
READOUT (3)
IDLE
EXPOSURE (2)
EXPOSURE (3)
EXPOSURE (1)
REQ_EXP
SENSOR STATE
EXPOSURE (0)
IDLE
GLOB
READOUT (0)
GLOB
READOUT (1)
(c)
GLOB
READOUT (2)
GLOB
READOUT (3)
IDLE
EXPOSURE (2)
EXPOSURE (3)
EXPOSURE (1)
REQ_EXP
SENSOR STATE
EXPOSURE (0)
IDLE
GLOB
READOUT (0)
GLOB
READOUT (1)
(d)
GLOB
READOUT (2)
GLOB
READOUT (3)
IDLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com