Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSG14K_CSG8K Datasheet(PDF) 90 Page - ams AG

Part # CSG14K_CSG8K
Description  13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CSG14K_CSG8K Datasheet(HTML) 90 Page - ams AG

Back Button CSG14K_CSG8K Datasheet HTML 86Page - ams AG CSG14K_CSG8K Datasheet HTML 87Page - ams AG CSG14K_CSG8K Datasheet HTML 88Page - ams AG CSG14K_CSG8K Datasheet HTML 89Page - ams AG CSG14K_CSG8K Datasheet HTML 90Page - ams AG CSG14K_CSG8K Datasheet HTML 91Page - ams AG CSG14K_CSG8K Datasheet HTML 92Page - ams AG CSG14K_CSG8K Datasheet HTML 93Page - ams AG CSG14K_CSG8K Datasheet HTML 94Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 113 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v1-00 • 2020-Dec-15
112
│ 89
quality of the resulting image), which means the level at the output for black pixels will be around 30
DN.
BLACK_LEVELADC_OUT is the black level at the output of the ADC. Its value is set differently depending
on how the black level correction is done. This is detailed in the next two sections.
On-Chip OBC
Setting EOB_BYPASS to 0 enables the automatic on-chip black level correction (clamping). In this
mode, BLACK_LEVELADC_OUT is calculated on-chip, based on OB pixels, for every row allowing to
correct for row and frame noise in the image.
This is the recommended mode of operation.
Off-Chip OBC
Setting EOB_BYPASS to 1 disables the automatic OBC. BLACK_LEVELADC_OUT is now specified with
register EOB_BYPASS_VALUE. This value is constant and cannot correct for row noise in the image.
Equation 14:
������������������������������������������_������������������ = ������������������������[������������������������������������_������������������ − ������������������_������������������������������������_������������������������������ + ������������������_������������������������������������]
The theoretical value for register EOB_BYPASS_VALUE is shown in the table below. The parameter
tCLK_PIX can be derived from Figure 84.
Figure 111:
Theoretical Values for Register EOB_BYPASS_VALUE
EOB_BYPASS_VALUE
12.5*tCLK_PIX
Further external or off-chip OBC can be achieved by reading out the OB pixel data (refer to section
7.8.7).
7.7.2
Digital Gain
Digital gain can be specified for the 4 color channels individually (even/odd columns, even/odd rows).
E.g. GDIG_RE_CO relates to Rows Even and Columns Odd.
The digital gain for each channel is defined by a similar equation:
Equation 15:
������������������������������������������ ������������������������ (������������_������������) = (������������������������_������������_������������ + 1)/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com