Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSG14K_CSG8K Datasheet(PDF) 30 Page - ams AG

Part # CSG14K_CSG8K
Description  13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CSG14K_CSG8K Datasheet(HTML) 30 Page - ams AG

Back Button CSG14K_CSG8K Datasheet HTML 26Page - ams AG CSG14K_CSG8K Datasheet HTML 27Page - ams AG CSG14K_CSG8K Datasheet HTML 28Page - ams AG CSG14K_CSG8K Datasheet HTML 29Page - ams AG CSG14K_CSG8K Datasheet HTML 30Page - ams AG CSG14K_CSG8K Datasheet HTML 31Page - ams AG CSG14K_CSG8K Datasheet HTML 32Page - ams AG CSG14K_CSG8K Datasheet HTML 33Page - ams AG CSG14K_CSG8K Datasheet HTML 34Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 113 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v1-00 • 2020-Dec-15
112
│ 29
The BLOCK_SEL register, located at address 1, determines which block is accessed by future SPI
transactions. For example, when the BLOCK_SEL register is set to 0, all SPI read and write
operations act on the bottom sequencer A (which has BLOCK_ID 0). The BLOCK_SEL register is
always accessible, regardless of the currently selected bank.
Figure 24:
The BLOCK ID
The different blocks contain a certain subset of the total register bank, meaning that not every register
is present in every block. This is denoted with REGa, REGb, REGc, and REGd in the figure above.
Section 8 gives an overview of all registers that are included in every block.
A register (on a specific address) is always present in at least one block. If the register is present in
multiple blocks, then each block hold a unique copy of that register, allowing it to be programmed
differently in each of these blocks.
The sensor supports a broadcast mode where all blocks are written at once. This is done by setting
the BLOCK_SEL register to 255. This allows faster configuration as not every block has to be
programmed individually. Blocks that do not contain the currently addressed register ignore the write
operation, i.e. broadcasting does not overwrite anything in blocks that do not have the currently
addressed register.
Registers are unique per address. This means that a register (with a certain name) is present on the
same address in all blocks that contain this register. For blocks that do not contain this register, the
address points to nothing. In this case, write operations are ignored and read operations return all
zeros.
SEQ A
REGa
SPI
DPP1
REGb
REGb
REGc
REGd
SEQ A
REGa
DPP1
REGb
OB
REGc
SEQ B
REGd
ID 0
ID 18
ID 20
ID 0
ID 2, 4, 6 .. 16
ID 19
ID 21
ID 1
ID 3, 5, 7 .. 17
Internally distributed
DPP8
REGb
OB
SEQ B
DPP8
Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com