Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSG14K_CSG8K Datasheet(PDF) 52 Page - ams AG

Part # CSG14K_CSG8K
Description  13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CSG14K_CSG8K Datasheet(HTML) 52 Page - ams AG

Back Button CSG14K_CSG8K Datasheet HTML 48Page - ams AG CSG14K_CSG8K Datasheet HTML 49Page - ams AG CSG14K_CSG8K Datasheet HTML 50Page - ams AG CSG14K_CSG8K Datasheet HTML 51Page - ams AG CSG14K_CSG8K Datasheet HTML 52Page - ams AG CSG14K_CSG8K Datasheet HTML 53Page - ams AG CSG14K_CSG8K Datasheet HTML 54Page - ams AG CSG14K_CSG8K Datasheet HTML 55Page - ams AG CSG14K_CSG8K Datasheet HTML 56Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 113 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v1-00 • 2020-Dec-15
112
│ 51
Figure 54:
Control Word
#
Name
Function
[0]
SYNC
Always '1'
[1]
DVAL
High when there is valid pixel data on DATAx_OUT.
(Stays high for entire row of valid data)
[2]
FVAL
Goes high together with first DVAL of frame. Goes low together with last DVAL of frame.
(Frames valid frame)
[3]
SVAL
High when there is valid statistics data on DATA0_OUT
[4]
OBVAL
High when there is valid OB pixel data on OB_OUT
[5]
EXP_L
High when exposure group 'L' is integrating light
[6]
EXP_S
High when exposure group 'S' is integrating light
[7]
GLOB
High when sensor is in GLOB state
[8]
NSRE
(optional) High when it is Not Safe to Request a new Exposure
[9]
NSRF
(optional) High when it is Not Safe to Request a new Frame
[10:11]
N/A
Always ‘0’
Figure 53 illustrates how the control word is transferred in line with pixel data. At the controller side,
the data on CTR_OUT should be de-serialized like any other data channel. In the parallel domain, the
various bits of the word can be used to extract status information on the sensor.
The figure below shows the timing of the various bits of the control word in an example frame. The
timing of the bits is shown in the parallel domain. Some remarks concerning the figure:
●
Sensor is in full external control mode
●
Dual exposure time is active (EXP_L is different from EXP_S)
●
Only 2 histograms of image statistics are requested (typically there will be 0, 1 or 5)
●
The frame size (y-window settings) is 3 rows.
●
The optional NSRE and NSRF bits are disabled and not shown. These bits are discussed in
more detail in 7.8.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com