Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSG14K_CSG8K Datasheet(PDF) 28 Page - ams AG

Part # CSG14K_CSG8K
Description  13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CSG14K_CSG8K Datasheet(HTML) 28 Page - ams AG

Back Button CSG14K_CSG8K Datasheet HTML 24Page - ams AG CSG14K_CSG8K Datasheet HTML 25Page - ams AG CSG14K_CSG8K Datasheet HTML 26Page - ams AG CSG14K_CSG8K Datasheet HTML 27Page - ams AG CSG14K_CSG8K Datasheet HTML 28Page - ams AG CSG14K_CSG8K Datasheet HTML 29Page - ams AG CSG14K_CSG8K Datasheet HTML 30Page - ams AG CSG14K_CSG8K Datasheet HTML 31Page - ams AG CSG14K_CSG8K Datasheet HTML 32Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 113 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v1-00 • 2020-Dec-15
112
│ 27
SPI Write
All data bits on SPI_MOSI are sampled by the sensor on the rising edge of SPI_CLK. The chip-select
signal, SPI_CSN, shall be low at least ½ of an SPI_CLK period before the first data bit is sampled.
SPI_CSN shall remain low for at least ½ of an SPI_CLK period after the last falling edge of SPI_CLK.
The first bit transferred is a control bit indicating a write operation (‘1’). Both the subsequent address
(A<6:0>) and data (D<7:0>) are sent MSB-first.
When writing multiple sequential registers (e.g. 100, 101, 102 ...), the write burst mode can be used.
The address is that of the first register to be written to and the sequencer will automatically shift to the
next register after 8 data bits. SPI_CSN shall stay low the entire time.
The actual register value is updated with the new value on the falling edge of SPI_CLK on every D[0]
bit. I.e. SPI_CLK shall go low at the end of D[0] for the write sequence to be completed. The timing of
both write modes is illustrated below.
Figure 21:
SPI Write Timing
SPI Read
The timing of the SPI read sequence is similar to the SPI write sequence. The main differences are
the control bit and the use of SPI_MISO. An SPI read is indicated by setting the control bit to ‘0’. After
the control bit, the address of the register to read shall be transmitted MSB first. At the end of the LSB
of the address, the data is launched on the SPI_MISO pin on the falling edge of the SPI_CLK. This
means that the data can be sampled by the SPI master on the rising edge of the SPI_CLK. The data
D<7:0> is transmitted MSB first on SPI_MISO. When not transmitting data, the SPI_MISO output is in
high-Z state.
Sequential SPI register addresses can also be read out in burst mode by keeping SPI_CSN low and
clocking out additional bytes. The timing of both read modes is illustrated below.
C=
’1'
A[6]
A[5]
A[4]
A[3]
A[2]
A[1]
A[0]
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
ctrl
address
data (N)
Hi-Z
Internal reg updated
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
data (N+1)
Internal reg updated
C=
’1'
A[6]
A[5]
A[4]
A[3]
A[2]
A[1]
A[0]
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
ctrl
address
data
Hi-Z
Internal reg updated
Tspi
SPI_CLK
SPI_CSN
SPI_MOSI
SPI_MISO
SPI_CLK
SPI_CSN
SPI_MOSI
SPI_MISO
½ Tspi
½ Tspi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com