Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSG14K_CSG8K Datasheet(PDF) 32 Page - ams AG

Part # CSG14K_CSG8K
Description  13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CSG14K_CSG8K Datasheet(HTML) 32 Page - ams AG

Back Button CSG14K_CSG8K Datasheet HTML 28Page - ams AG CSG14K_CSG8K Datasheet HTML 29Page - ams AG CSG14K_CSG8K Datasheet HTML 30Page - ams AG CSG14K_CSG8K Datasheet HTML 31Page - ams AG CSG14K_CSG8K Datasheet HTML 32Page - ams AG CSG14K_CSG8K Datasheet HTML 33Page - ams AG CSG14K_CSG8K Datasheet HTML 34Page - ams AG CSG14K_CSG8K Datasheet HTML 35Page - ams AG CSG14K_CSG8K Datasheet HTML 36Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 113 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v1-00 • 2020-Dec-15
112
│ 31
Both RW_CONTEXT and ACTIVE_CONTEXT registers are always accessible, regardless of the
currently selected bank.
Figure 26:
Context Switching Registers
Register Name
Bank
Addr
Pos
Description
ACTIVE_CONTEXT
N/A
2
[7:0]
0: Use context A
1: Use context B
RW_CONTEXT
N/A
3
[7:0]
0: Access context A
1: Access context B
PARAM_HOLD
0
4
[0:0]
Must be set to ‘1’ during
the new context upload.
See detailed procedure
below
DISABLE_FRAMESYNC
0
5
[0:0]
Must be set to ‘0’ for on-
the-fly context switching.
The figure below shows how to upload a new context B and achieve a seamless context switch from
context A to context B while acquiring frames (for example in streaming mode).
Figure 27 :
Context Switch Procedure
(1)
DISABLE_FRAMESYNC must be set to ‘0’ first to guarantee uninterrupted frame acquisition
(2)
Then set RW_CONTEXT to the inactive context (B in this example)
(3)
Set
PARAM_HOLD to ‘1’, followed by all modifications to context B registers.
(4)
The setting of the new ACTIVE_CONTEXT can be done at any time, while PARAM_HOLD is ‘1’
(5)
When all uploads to context B are done, setting PARAM_HOLD back to ‘0’ will initiate a new frame using the exposure
settings of context B, at the first frame time possible, while finishing the readout of the last frame with context A settings
in parallel.
DISABLE_FRAMESYNC
ACTIVE_CONTEXT
Effective Frame exposure settings
RW_CONTEXT
B
A
B
A
A0
B1
A
A0
A0
B1
Effective Frame readout settings
A0
A0
A0
B1
A0
B1
B0
PARAM_HOLD
MODIFICATIONS
Context B register
settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com