Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSG14K_CSG8K Datasheet(PDF) 38 Page - ams AG

Part # CSG14K_CSG8K
Description  13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CSG14K_CSG8K Datasheet(HTML) 38 Page - ams AG

Back Button CSG14K_CSG8K Datasheet HTML 34Page - ams AG CSG14K_CSG8K Datasheet HTML 35Page - ams AG CSG14K_CSG8K Datasheet HTML 36Page - ams AG CSG14K_CSG8K Datasheet HTML 37Page - ams AG CSG14K_CSG8K Datasheet HTML 38Page - ams AG CSG14K_CSG8K Datasheet HTML 39Page - ams AG CSG14K_CSG8K Datasheet HTML 40Page - ams AG CSG14K_CSG8K Datasheet HTML 41Page - ams AG CSG14K_CSG8K Datasheet HTML 42Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 113 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v1-00 • 2020-Dec-15
112
│ 37
Information
Disabling shutter lag matching causes an image artefact when operating the sensor in pipelined
mode. This artefact shows up as one bright row in the output image. The location of that row
depends on when the pipelined exposure started.
Figure 34:
State Diagram: Sequential Operation, No Shutter Lag at Start
7.2.7
Sensor Control Modes
Figure 35:
Control Mode Register
Reg.Name
Bank
Addr
Bits
Def.
Description
CTRL_MODE
0
11
[2:0]
0
0: Full external
1: Programmed external
2: Triggered internal
3: Streaming
4: In-line streaming
The travel through the state diagrams of Figure 33 and Figure 34 can be externally controlled with the
sensor inputs REQ_EXP and REQ_FRAME and a bunch of register settings (which will be detailed in
further sections). This can be done in a number of different modes (each varying slightly in behavior
and level of dependency on I/O control versus register configuration).
EXPOSURE
GLOB
IDLE
RESET
READOUT
Actual
exposure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com