Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSG14K_CSG8K Datasheet(PDF) 103 Page - ams AG

Part # CSG14K_CSG8K
Description  13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CSG14K_CSG8K Datasheet(HTML) 103 Page - ams AG

Back Button CSG14K_CSG8K Datasheet HTML 99Page - ams AG CSG14K_CSG8K Datasheet HTML 100Page - ams AG CSG14K_CSG8K Datasheet HTML 101Page - ams AG CSG14K_CSG8K Datasheet HTML 102Page - ams AG CSG14K_CSG8K Datasheet HTML 103Page - ams AG CSG14K_CSG8K Datasheet HTML 104Page - ams AG CSG14K_CSG8K Datasheet HTML 105Page - ams AG CSG14K_CSG8K Datasheet HTML 106Page - ams AG CSG14K_CSG8K Datasheet HTML 107Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 113 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v1-00 • 2020-Dec-15
112
│ 102
Equation 20:
������������������������������ = ������������������������ + ������������������������ + ������������������������������������������ + 1
With:
●
NCOL is the running number of pixel N in the DVAL pulse (0 for first valid pixel on each output)
●
NROW is the running number of the DVAL pulse within FVAL (0 for first valid row in each FVAL)
●
NKERNEL is the number of the originating DPP block that generates pixel N (per side ranging from
0 to 7)
The result is a 2D gradient (per channel), with a starting offset depending on the kernel number. The
figure below shows an example using NR_OUTP = 4, XSTART = 0, KSIZE=960 (NKERNEL is resp. 0, 2,
4, 6).
Figure 130:
Gradient Test Image Pixel Data
The resulting image for YWIN_DIR = 0 is shown in the figure below. Note that the gradient test image
has no relation to the physical pixel array and can contain more rows than the pixel array. Depending
on the setting of OUTP_BITMODE and YWIN_SIZE, the gradient will wrap around.
DVAL
DATA0_OUT
TP
DATA1_OUT
DATA2_OUT
FVAL
4
(0 + 0 + 4)
2
(0 + 0 + 2)
0
(0 + 0 + 0)
5
(1 + 0 + 4)
3
(1 + 0 + 2)
1
(1 + 0 + 0)
TP
TP
...
...
...
963
(959 + 0 + 4)
961
(959 + 0 + 2)
959
(959 + 0 + 0)
TP
TP
TP
5
(0 + 1 + 4)
3
(0 + 1 + 2)
1
(0 + 1 + 0)
DATA3_OUT
6
(0 + 0 + 6)
7
(1 + 0 + 6)
TP
...
965
(959 + 0 + 6)
TP
7
(0 + 1 + 6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com