Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARM720T Datasheet(PDF) 101 Page - List of Unclassifed Manufacturers

Part # ARM720T
Description  General-purpose 32-bit Microprocessor with 8KB cache, enlarged Write buffer, and Memory Management Unit (MMU) combined in a single chip
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ARM720T Datasheet(HTML) 101 Page - List of Unclassifed Manufacturers

Back Button ARM720T Datasheet HTML 97Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 98Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 99Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 100Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 101Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 102Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 103Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 104Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 105Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 242 page
background image
Memory Management Unit
ARM DDI 0192A
Copyright © ARM Limited 1997, 1998, 2000. All rights reserved.
6-19
6.12 Fault address and fault status registers
Aborts resulting from data accesses, Data Aborts are acted upon by the CPU
immediately, and the MMU places an encoded 4-bit value FS[3:0], along with the 4-bit
encoded domain number, in the FSR.
In addition, the virtual processor address which caused the data abort is latched into the
FAR. If an access violation simultaneously generates more than one source of abort,
they are encoded in the priority listed in Table 6-5.
Note
Any abort masked by the priority encoding can be regenerated by fixing the primary
abort and restarting the instruction.
CPU instructions are prefetched, so a Prefetch Abort simply flags the instruction as it
enters the instruction pipeline. Only when, and if, the instruction is executed does it
cause an abort. An abort is not acted upon if the instruction is not used, that is, it is
Table 6-5 Priority encoding of fault status
Priority
Source
FS[3:0]
Domain
[3:0]
FAR
Highest
Alignment
00x1a
Invalid
Valid
Bus error (translation) level 1
Level 2
1100
1110
Invalid
Valid
Valid
Valid
Translation section
Page
0101
0111
Invalid
Valid
Valid
Valid
Domain section
Page
1001
1011
Valid
Valid
Valid
Valid
Permission section
Page
1101
1111
Valid
Valid
Valid
Valid
Bus error (linefetch) section
Page
0100
0110
Valid
Valid
Contains the address of the start of the linefetch
Contains the address of the start of the linefetch
Lowest
Bus error (other) section
Page
1000
1010
Valid
Valid
Valid
Valid
a.
x is undefined, and can be read as zero or one.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com