Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARM720T Datasheet(PDF) 57 Page - List of Unclassifed Manufacturers

Part # ARM720T
Description  General-purpose 32-bit Microprocessor with 8KB cache, enlarged Write buffer, and Memory Management Unit (MMU) combined in a single chip
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ARM720T Datasheet(HTML) 57 Page - List of Unclassifed Manufacturers

Back Button ARM720T Datasheet HTML 53Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 54Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 55Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 56Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 57Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 58Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 59Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 60Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 61Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 242 page
background image
Programmer’s Model
ARM DDI 0192A
Copyright © ARM Limited 1997, 1998, 2000. All rights reserved.
2-21
2.8.10
Exception priorities
When multiple exceptions arise at the same time, a fixed priority system determines the
order in which they are handled:
1.
Reset (highest priority).
2.
Data Abort.
3.
FIQ.
4.
IRQ.
5.
Prefetch Abort.
6.
Undefined Instruction, SWI (lowest priority).
2.8.11
Exception restrictions
Undefined Instruction and SWI are mutually exclusive, because they each correspond
to particular (non-overlapping) decodings of the current instruction.
If a Data Abort occurs at the same time as a FIQ, and FIQs are enabled, the CPSR F flag
is clear, ARM720T enters the Data Abort handler and then immediately proceeds to the
FIQ vector. A normal return from FIQ causes the Data Abort handler to resume
execution. Placing Data Abort at a higher priority than FIQ is necessary to ensure that
the transfer error does not escape detection. The time for this exception entry must be
added to worst-case FIQ latency calculations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com