Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARM720T Datasheet(PDF) 80 Page - List of Unclassifed Manufacturers

Part # ARM720T
Description  General-purpose 32-bit Microprocessor with 8KB cache, enlarged Write buffer, and Memory Management Unit (MMU) combined in a single chip
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ARM720T Datasheet(HTML) 80 Page - List of Unclassifed Manufacturers

Back Button ARM720T Datasheet HTML 76Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 77Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 78Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 79Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 80Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 81Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 82Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 83Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 84Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 242 page
background image
Write Buffer
5-2
Copyright © ARM Limited 1997, 1998, 2000. All rights reserved.
ARM DDI 0192A
5.1
About the write buffer
The ARM720T write buffer is provided to improve system performance. It can buffer
up to eight words of data, and four independent addresses. It can be enabled or disabled
using the W bit, bit 3, in the ARM720T control register. The buffer is disabled and
flushed on reset.
The operation of the write buffer is further controlled by the Bufferable (B) bit, which
is stored in the MMU page tables. For this reason, the MMU must be enabled before
using the write buffer. The two functions can, however, be enabled simultaneously,
with a single write to the control register.
For a write to use the write buffer, both the W bit in the control register and the B bit in
the corresponding page table must be set.
Note
It is not possible to abort buffered writes externally. The BERROR pin is ignored.
Areas of memory that can generate aborts must be marked as unbufferable in the MMU
page tables.
5.1.1
Bufferable bit
This bit controls whether a write operation uses or does not use the write buffer.
Typically, main memory is bufferable and I/O space unbufferable. The B bit can be
configured for both pages and sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com