Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARM720T Datasheet(PDF) 53 Page - List of Unclassifed Manufacturers

Part # ARM720T
Description  General-purpose 32-bit Microprocessor with 8KB cache, enlarged Write buffer, and Memory Management Unit (MMU) combined in a single chip
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ARM720T Datasheet(HTML) 53 Page - List of Unclassifed Manufacturers

Back Button ARM720T Datasheet HTML 49Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 50Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 51Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 52Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 53Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 54Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 55Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 56Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 57Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 242 page
background image
Programmer’s Model
ARM DDI 0192A
Copyright © ARM Limited 1997, 1998, 2000. All rights reserved.
2-17
2.8.2
Action on leaving an exception
On completion, the exception handler:
1.
Moves the LR, minus an offset where appropriate, to the PC. The offset varies
depending on the type of exception.
2.
Copies the SPSR back to the CPSR.
3.
Clears the interrupt disable flags, if they were set on entry.
Note
An explicit switch back to Thumb state is never necessary, because restoring the CPSR
from the SPSR automatically sets the T bit to the value it held immediately prior to the
exception.
2.8.3
Exception entry and exit summary
Table 2-3 summarizes the PC value preserved in the relevant R14 on exception entry,
and the recommended instruction for exiting the exception handler.
Table 2-3 Exception entry and exit
Exception
Return Instruction
Previous State
ARM R14_x
Thumb R14_x
BLa
a.Where PC is the address of the BL/SWI/Undefined Instruction fetch that had
the Prefetch Abort.
MOV PC, R14
PC + 4
PC + 2
SWIa
MOVS PC, R14_svc
PC + 4
PC + 2
UDEFa
MOVS PC, R14_und
PC + 4
PC + 2
FIQb
b.Where PC is the address of the instruction that was not executed because the
FIQ or IRQ took priority.
SUBS PC, R14_fiq, #4
PC + 4
PC + 4
IRQ b
SUBS PC, R14_irq, #4
PC + 4
PC + 4
PABTa
SUBS PC, R14_abt, #4
PC + 4
PC + 4
DABTc
SUBS PC, R14_abt, #8
PC + 8
PC + 8
RESETd
NA
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com