Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARM720T Datasheet(PDF) 54 Page - List of Unclassifed Manufacturers

Part # ARM720T
Description  General-purpose 32-bit Microprocessor with 8KB cache, enlarged Write buffer, and Memory Management Unit (MMU) combined in a single chip
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ARM720T Datasheet(HTML) 54 Page - List of Unclassifed Manufacturers

Back Button ARM720T Datasheet HTML 50Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 51Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 52Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 53Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 54Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 55Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 56Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 57Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 58Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 242 page
background image
Programmer’s Model
2-18
Copyright © ARM Limited 1997, 1998, 2000. All rights reserved.
ARM DDI 0192A
2.8.4
Fast interrupt request
The FIQ exception is designed to support a data transfer or channel process. In ARM
state it has sufficient private registers to remove the necessity for register saving,
minimizing the overhead of context switching.
FIQ is externally generated by taking the nFIQ input LOW. nFIQ and nIRQ are
considered asynchronous, and a cycle delay for synchronization is incurred before the
interrupt can affect the processor flow.
Irrespective of whether the exception was entered from ARM or Thumb state, a FIQ
handler must leave the interrupt by executing:
SUBS PC, R14_fiq, #4
FIQ can be disabled by setting the CPSR F flag.
Note
This is not possible from User mode. If the F flag is clear, ARM720T checks for a LOW
level on the output of the FIQ synchronizer at the end of each instruction.
2.8.5
Interrupt request
The IRQ exception is a normal interrupt caused by a LOW level on the nIRQ input.
IRQ has a lower priority than FIQ and is masked out when a FIQ sequence is entered.
It can be disabled at any time by setting the I bit in the CPSR, though this can only be
done from a privileged (non-User) mode.
Irrespective of whether the exception was entered from ARM or Thumb state, an IRQ
handler must return from the interrupt by executing:
SUBS PC, R14_irq, #4
2.8.6
Abort
An abort indicates that the current memory access cannot be completed. It can be
signaled either by the protection unit, or by the external BERROR input. The
ARM720T checks for the abort exception during memory access cycles.
There are two types of abort:
Prefetch Abort
This occurs during an instruction prefetch.
c.Where PC is the address of the Load or Store instruction that generated the
Data Abort.
d.The value saved in R14_svc upon reset is unpredictable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com