Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARM720T Datasheet(PDF) 55 Page - List of Unclassifed Manufacturers

Part # ARM720T
Description  General-purpose 32-bit Microprocessor with 8KB cache, enlarged Write buffer, and Memory Management Unit (MMU) combined in a single chip
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ARM720T Datasheet(HTML) 55 Page - List of Unclassifed Manufacturers

Back Button ARM720T Datasheet HTML 51Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 52Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 53Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 54Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 55Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 56Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 57Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 58Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 59Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 242 page
background image
Programmer’s Model
ARM DDI 0192A
Copyright © ARM Limited 1997, 1998, 2000. All rights reserved.
2-19
Data Abort
This occurs during a data access.
If a Prefetch Abort occurs, the prefetched instruction is marked as invalid, but the
exception is not taken until the instruction reaches the head of the pipeline. If the
instruction is not executed, for example because a branch occurs while it is in the
pipeline, the abort does not take place.
If a Data Abort occurs, the action taken depends on the instruction type:
1.
Single data transfer instructions (LDR, STR) write-back modified base registers,
the Abort handler must be aware of this.
2.
The swap instruction (SWP) is aborted as though it had not been executed.
3.
Block data transfer instructions (LDM, STM) complete. If write-back is set, the
base is updated. If the instruction attempts to overwrites the base with data (that
is, it has the base in the transfer list), the overwriting is prevented. All register
overwriting is prevented after an abort is indicated. This means, in particular,
that R15 (always the last register to be transferred) is preserved in an aborted
LDM
instruction.
After fixing the reason for the abort, the handler must execute the following irrespective
of the state (ARM or Thumb):
SUBS PC, R14_abt, #4 for a Prefetch Abort, or
SUBS PC, R14_abt, #8 for a Data Abort
This restores both the PC and the CPSR, and retries the aborted instruction.
Note
There are restrictions on the use of the external abort signal. See External aborts on
page 6-25.
2.8.7
Software interrupt
The SWI instruction is used for entering Supervisor mode, usually to request a
particular supervisor function. A SWI handler must return by executing the following
irrespective of the state (ARM or Thumb):
MOV PC, R14_svc
This restores the PC and CPSR, and returns to the instruction following the SWI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com