Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARM720T Datasheet(PDF) 87 Page - List of Unclassifed Manufacturers

Part # ARM720T
Description  General-purpose 32-bit Microprocessor with 8KB cache, enlarged Write buffer, and Memory Management Unit (MMU) combined in a single chip
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ARM720T Datasheet(HTML) 87 Page - List of Unclassifed Manufacturers

Back Button ARM720T Datasheet HTML 83Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 84Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 85Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 86Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 87Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 88Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 89Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 90Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 91Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 242 page
background image
Memory Management Unit
ARM DDI 0192A
Copyright © ARM Limited 1997, 1998, 2000. All rights reserved.
6-5
6.3
Address translation process
The MMU translates virtual addresses generated by the CPU after relocation by the
FCSE PID into physical addresses to access external memory. It also derives and checks
the access permission. Translation information, that consists of both the address
translation data and the access permission data, resides in a translation table located in
physical memory.
The MMU provides the logic required to:
•
traverse this translation table
•
obtain the translated address
•
check the access permission.
There are three routes by which the address translation, and therefore permission check,
takes place. The route taken depends on whether the address has been marked as a
section-mapped access or a page-mapped access. There are two sizes of page-mapped
access, large pages and small pages. However, the translation process always starts out
in the same way, as described in Translation table base, with a level one fetch. A
section-mapped access only requires a level one fetch, but a page-mapped access also
requires a level two fetch.
6.3.1
Translation table base
The translation process is initiated when the TLB does not contain an entry for the
requested virtual address. The Translation Table Base (TTB) register points to the base
of a table in physical memory that contains:
•
section and page descriptors
•
section or page descriptors.
The 14 low-order bits of the TTB Register should be zero as illustrated in Figure 6-1.
Figure 6-1 Translation table base register
Note
The table must reside on a 16KB boundary.
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 09 08 07 06 05 04 03 02 01 00
Translation table base
SBZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com