| Electronic Components Datasheet Search |
|
CLRC63201T/0FE Datasheet(PDF) 121 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
CLRC63201T/0FE Datasheet(HTML) 121 Page - NXP Semiconductors |
|
121 / 163 page ![]() Philips Semiconductors Product Specification Rev. 3.0; May 2003 Multiple Protocol Contactless Reader IC CL RC632 121 Confidential 18.4.2.4 Receiving Bit Oriented Frames The receiver can handle byte streams with incomplete bytes, resulting in bit oriented frames. To support this, the following values may be used: • RxAlign selects a bit offset for the first incoming byte, e.g. if RxAlign is set to 3, the first 5 bits received are forwarded to the FIFO buffer. Further bits are packed into bytes and forwarded. After reception, RxAlign is cleared automatically. If RxAlign is set to zero, all incoming bits are packed into one byte. • RxLastBits returns the number of bits valid in the last received byte, e.g. if RxLastBits evaluates to 5 at the end of the receiving command, the 5 least significant bits are valid. RxlastBits evaluates to zero if the last byte is complete. RxLastBits is valid only, if no frame error is indicated by the flag FrameErr. If RxAlign is set to a value other than zero and also ParityEn is active, the first parity bit is not checked but ignored. 18.4.2.5 Communication Errors The following table shows which event causes the setting of error flags: Cause Bit, that is set Received data did not start with a SOF pattern. FramingErr The CRC block is not equal the expected value. CRCErr The received data is shorter than the CRC block. CRCErr The parity bit is not equal the expected value (e. g. a bit collision occurs when a parity is expected) ParErr A collision is detected. CollErr Table 18-3: Communication Error Table |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |