Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCS1002-3 Datasheet(PDF) 20 Page - Microchip Technology

Part # UCS1002-3
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-3 Datasheet(HTML) 20 Page - Microchip Technology

Back Button UCS1002-3 Datasheet HTML 16Page - Microchip Technology UCS1002-3 Datasheet HTML 17Page - Microchip Technology UCS1002-3 Datasheet HTML 18Page - Microchip Technology UCS1002-3 Datasheet HTML 19Page - Microchip Technology UCS1002-3 Datasheet HTML 20Page - Microchip Technology UCS1002-3 Datasheet HTML 21Page - Microchip Technology UCS1002-3 Datasheet HTML 22Page - Microchip Technology UCS1002-3 Datasheet HTML 23Page - Microchip Technology UCS1002-3 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 114 page
background image
UCS1002-3
DS20006852A-page 20
 2023 Microchip Technology Inc. and its subsidiaries
Legacy
USB devices that require non-BC1.2 signatures must be applied on the DPOUT and DMOUT
pins to enable charging.
OCL
Overcurrent Limit
POR
Power-On Reset
Portable Device
USB device attached to the USB port.
Power Thief
A USB device that does not follow the handshaking conventions of a BC1.2 device or Legacy
devices and draws current immediately upon receiving power (that is, a USB book light, porta-
ble fan, and so on).
Removal Detection
A Removal Detection event occurs when the current load on the VBUS pin drops to less than
IREM_QUAL for longer than tREM_QUAL.
Removal
The physical removal of a portable device from a USB port controlled by the UCS1002-3.
Response
An action, usually in response to a stimulus, in charger emulation performed by the UCS1002-
3 device via the USB data lines.
SDP or USB-IF SDP Standard Downstream Port. The combination of the UCS1002-3 high-speed switch being
closed with an upstream USB host present comprises a BC1.2 SDP. This enables a BC1.2
compliant portable device to simultaneously draw current up to 0.5A while data communica-
tion is active.
Signature
Application of a charger emulation profile without waiting for a response. One-way
communication from the UCS1002-3 to the portable device.
Stand-Alone Mode
Indicates that the communications protocol is not active and all communications between the
UCS1002-3 and a controller are done via the external pins only (M1, M2, EM_EN, PWR_EN,
S0 and LATCH as inputs; ALERT# and A_DET# as outputs).
Stimulus
An event in charger emulation detected by the UCS1002-3 device via the USB data lines.
TABLE 4-1:
TERMS AND ABBREVIATIONS (CONTINUED)
Term/Abbreviation
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com