| Electronic Components Datasheet Search |
|
UCS1002-3 Datasheet(PDF) 38 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
UCS1002-3 Datasheet(HTML) 38 Page - Microchip Technology |
|
38 / 114 page ![]() UCS1002-3 DS20006852A-page 38 2023 Microchip Technology Inc. and its subsidiaries 7.5 Fault Handling Mechanism The UCS1002-3 has two modes for handling faults: • Latch (latch-upon-fault) • Auto-Recovery (automatically attempts to restore the Active power state after a fault occurs). If the SMBus is actively utilized, Auto-Recovery Fault Handling is the default error handler as determined by the LATCHS bit (see Section 10.4.3 “Switch Configuration Register”). Otherwise, the fault handling mechanism used depends on the state of the LATCH pin. Faults include overcurrent, overvoltage (on VS), undervoltage (on VBUS), back-voltage (VBUS to VS, or VBUS to VDD), discharge error, and maximum allowable internal die temperature (TTSD) exceeded (see Section 5.1.5 “Error State Operation”). 7.5.1 AUTO-RECOVERY FAULT HANDLING When the LATCH control is low, Auto-Recovery Fault Handling is used. When an error condition is detected, the UCS1002-3 immediately enters the Error state and assert the ALERT# pin (see Section 5.1.5 “Error State Operation”). Independently from the host controller, the UCS1002-3 waits for a preset time (tCYCLE), checks error conditions (tTST) and restores Active operation if the error condition(s) no longer exist. If all other conditions that may cause the ALERT# pin to be asserted are removed, the ALERT# pin is released. FIGURE 7-3: Error Recovery Timing (Short Circuit Example). 7.5.2 LATCHED FAULT HANDLING When the LATCH control is high, Latch Fault Handling is used. When an error condition is detected, the UCS1002-3 enters the Error power state and assert the ALERT# pin. Upon command from the host controller (by toggling the PWR_EN control from enabled to disabled or by clearing the ERR bit via SMBus), the UCS1002-3 checks error conditions once and restore Active operation if error conditions no longer exist. If an error condition still exists, the host controller is required to issue the command again to check error conditions. tRST VBUS IBUS SHORT applied. ITST tDISCHARG E ITST VTEST Short Detected. VBUS discharged. Enter Error state. Check short condition. Short still present. Return to Error State. Wait tCYCLE. Wait tCYCLE. Check short condition. Short removed. Return to normal operation. tCYCLE tCYCLE tRST |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |