Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2023K Datasheet(PDF) 11 Page - RICOH electronics devices division

Part # R2023K
Description  2-wire Serial Interface Real Time Clock IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R2023K Datasheet(HTML) 11 Page - RICOH electronics devices division

Back Button R2023K Datasheet HTML 7Page - RICOH electronics devices division R2023K Datasheet HTML 8Page - RICOH electronics devices division R2023K Datasheet HTML 9Page - RICOH electronics devices division R2023K Datasheet HTML 10Page - RICOH electronics devices division R2023K Datasheet HTML 11Page - RICOH electronics devices division R2023K Datasheet HTML 12Page - RICOH electronics devices division R2023K Datasheet HTML 13Page - RICOH electronics devices division R2023K Datasheet HTML 14Page - RICOH electronics devices division R2023K Datasheet HTML 15Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
R2023K/T
11
Address Mapping
Address
Register Name
D a t a
A3A2A1A0
D7
D6
D5
D4
D3
D2
D1
D0
0
0 0 0 0
Second Counter
-
*2)
S40
S20
S10
S8
S4
S2
S1
1
0 0 0 1
Minute Counter
-
M40
M20
M10
M8
M4
M2
M1
2
0 0 1 0
Hour Counter
-
-
H20
P/ A
H10
H8
H4
H2
H1
3
0 0 1 1
Day-of-week
Counter
-
-
-
-
-
W4
W2
W1
4
0 1 0 0
Day-of-month
Counter
-
-
D20
D10
D8
D4
D2
D1
5
0 1 0 1
Month Counter and
Century Bit
19 /20
-
-
MO10
MO8
MO4
MO2
MO1
6
0 1 1 0
Year Counter
Y80
Y40
Y20
Y10
Y8
Y4
Y2
Y1
7
0 1 1 1
Oscillation
Adjustment
Register *3)
DEV
*4)
F6
F5
F4
F3
F2
F1
F0
8
1 0 0 0
Alarm_W
(Minute Register)
-
WM40
WM20
WM10
WM8
WM4
WM2
WM1
9
1 0 0 1
Alarm_W
(Hour Register)
-
-
WH20
WP/ A
WH10
WH8
WH4
WH2
WH1
A
1 0 1 0
Alarm_W
(Day-of-week
Register)
-
WW6
WW5
WW4
WW3
WW2
WW1
WW0
B
1 0 1 1
Alarm_D
(Minute Register)
-
DM40
DM20
DM10
DM8
DM4
DM2
DM1
C
1 1 0 0
Alarm_D
(Hour Register)
-
-
DH20
DP/ A
DH10
DH8
DH4
DH2
DH1
D
1 1 0 1
-
-
-
-
-
-
-
-
E
1 1 1 0
Control Register 1
*3)
WALE
DALE
12 /24
CLEN2
TEST
CT2
CT1
CT0
F
1 1 1 1
Control Register 2
*3)
VDSL
VDET
XST
PON
*5)
CLEN1 CTFG
WAFG
DAFG
Notes:
* 1) All the data listed above accept both reading and writing.
* 2) The data marked with "-" is invalid for writing and reset to 0 for reading.
* 3) When the PON bit is set to 1 in Control Register 2, all the bits are reset to 0 in Oscillation Adjustment
Register, Control Register 1 and Control Register 2 excluding the XST bit.
* 4) When DEV=0, the oscillation adjustment circuit is configured to allow correction of a time count gain or loss
up
to
±1.5ppm. When DEV=1, the oscillation adjustment circuit is configured to allow correction of a time count
gain or loss up to or
±0.5ppm.
* 5) PON is a power-on-reset flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com