Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2023K Datasheet(PDF) 20 Page - RICOH electronics devices division

Part # R2023K
Description  2-wire Serial Interface Real Time Clock IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R2023K Datasheet(HTML) 20 Page - RICOH electronics devices division

Back Button R2023K Datasheet HTML 16Page - RICOH electronics devices division R2023K Datasheet HTML 17Page - RICOH electronics devices division R2023K Datasheet HTML 18Page - RICOH electronics devices division R2023K Datasheet HTML 19Page - RICOH electronics devices division R2023K Datasheet HTML 20Page - RICOH electronics devices division R2023K Datasheet HTML 21Page - RICOH electronics devices division R2023K Datasheet HTML 22Page - RICOH electronics devices division R2023K Datasheet HTML 23Page - RICOH electronics devices division R2023K Datasheet HTML 24Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 50 page
background image
R2023K/T
20
Example of Alarm Time Setting
Alarm
Day-of-week
12-hour mode
24-hour mode
Preset alarm
time
Sun. Mon. Tue. Wed.
Th.
Fri.
Sat.
1
0
h
r.
1
h
r
.
1
0
m
in
.
1
m
in
.
1
0
h
r
.
1
h
r.
1
0
m
in
.
1
mi
n.
WW
0
WW
1
WW
2
WW
3
WW
4
WW
5
WW
6
00:00 a.m. on all
days
1
1
1
1
1
1
1
1
2
0
0
0
0
0
0
01:30 a.m. on all
days
1
1
1
1
1
1
1
0
1
3
0
0
1
3
0
11:59 a.m. on all
days
1
1
1
1
1
1
1
1
1
5
9
1
1
5
9
00:00 p.m. on Mon.
to Fri.
0
1
1
1
1
1
0
3
2
0
0
1
2
0
0
01:30 p.m. on Sun.
1
0
0
0
0
0
0
2
1
3
0
1
3
3
0
11:59 p.m.
on Mon. ,Wed.,
and Fri.
0
1
0
1
0
1
0
3
1
5
9
2
3
5
9
Note that the correspondence between WW0 to WW6 and the days of the week shown in the above table is
only an example and not mandatory.
• Alarm_D Register (Address B-Ch)
Alarm_D Minute Register (Address Bh)
D7
D6
D5
D4
D3
D2
D1
D0
-
DM40
DM20
DM10
DM8
DM4
DM2
DM1
(For Writing)
0
DM40
DM20
DM10
DM8
DM4
DM2
DM1
(For Reading)
0
Indefinit
e
Indefinit
e
Indefinit
e
Indefinit
e
Indefinit
e
Indefinit
e
Indefinit
e
Default Settings *)
Alarm_D Hour Register (Address Ch)
D7
D6
D5
D4
D3
D2
D1
D0
-
-
DH20
DP/ A
DH10
DH8
DH4
DH2
DH1
(For Writing)
0
0
DH20
DP/ A
DH10
DH8
DH4
DH2
DH1
(For Reading)
0
0
Indefi
nite
Indefi
nite
Indefi
nite
Indefi
nite
Indefi
nite
Indefi
nite
Default Settings *)
*)
Default settings:
Default value means read / written values when the PON bit is set to “1” due to VDD
power-on from 0 volts.
* The D5 bit represents DP/ A when the 12-hour mode is selected (0 for a.m. and 1 for p.m.) and DH20 when
the 24-hour mode is selected (tens in the hour digits).
* The Alarm_D registers should not have any non-existent alarm time settings.
(Note that any mismatch between current time and preset alarm time specified by the Alarm_D registers may
disable the alarm interrupt circuit.)
* When the 12-hour mode is selected, the hour digits read 12 and 32 for 0a.m. and 0p.m., respectively.
(See "P12
•Control Register 1 (ADDRESS Eh) (2) 12 /24: 12 /24-hour Mode Selection Bit")



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com