Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2023K Datasheet(PDF) 36 Page - RICOH electronics devices division

Part # R2023K
Description  2-wire Serial Interface Real Time Clock IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R2023K Datasheet(HTML) 36 Page - RICOH electronics devices division

Back Button R2023K Datasheet HTML 32Page - RICOH electronics devices division R2023K Datasheet HTML 33Page - RICOH electronics devices division R2023K Datasheet HTML 34Page - RICOH electronics devices division R2023K Datasheet HTML 35Page - RICOH electronics devices division R2023K Datasheet HTML 36Page - RICOH electronics devices division R2023K Datasheet HTML 37Page - RICOH electronics devices division R2023K Datasheet HTML 38Page - RICOH electronics devices division R2023K Datasheet HTML 39Page - RICOH electronics devices division R2023K Datasheet HTML 40Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 50 page
background image
R2023K/T
36
Power-on Reset, Oscillation Halt Sensing, and Supply Voltage
Monitoring
• PON, XST, and VDET
The power-on reset circuit is configured to reset control register1, 2, and clock adjustment register when VDD
power up from 0v.
The oscillation halt sensing circuit is configured to record a halt on oscillation by 32.768-kHz
clock pulses.
The supply voltage monitoring circuit is configured to record a drop in supply voltage below a
threshold voltage of 1.6 or 1.3V.
Each function has a monitor bit.
I.e. the PON bit is for the power-on reset circuit, and XST bit is for the
oscillation halt sensing circuit, and VDET is for the supply voltage monitoring circuit. PON and VDET bits are
activated to “H”. However, XST bit is activated to “L”.
The PON and VDET accept only the writing of 0, but
XST accepts the writing of 0 and 1.
The PON bit is set to 1, when VDD power-up from 0V, but VDET is set to 0,
and XST is indefinite.
The functions of these three monitor bits are shown in the table below.
PON
XST
VDET
Function
Monitoring for the
power-on reset function
Monitoring for the
oscillation halt sensing
function
a drop in supply voltage
below a threshold
voltage of 1.6 or 1.3V
Address
D4 in Address Fh
D5 in Address Fh
D6 in Address Fh
Activated
High
Low
High
When VDD
power up from 0v
1
Indefinite
0
accept the writing
0 only
Both 0 and 1
0 only
The relationship between the PON, XST , and VDET is shown in the table below.
PON
XST
VDET
Conditions of supply voltage and
oscillation
Condition of oscillator, and
back-up status
0
0
0
Halt on oscillation, but no drop in
VDD supply voltage below threshold
voltage
Halt on oscillation cause of
condensation etc.
0
0
1
Halt on oscillation and drop in VDD
supply voltage below threshold
voltage, but no drop to 0V
Halt on oscillation cause of drop in
back-up battery voltage
0
1
0
No drop in VDD supply voltage
below threshold voltage and no halt
in oscillation
Normal condition
0
1
1
Drop in
VDD supply voltage below
threshold voltage and no halt on
oscillation
No halt on oscillation, but drop in
back-up battery voltage
1
*
*
Drop in supply voltage to 0v
Power-up from 0v,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com