Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2023K Datasheet(PDF) 33 Page - RICOH electronics devices division

Part # R2023K
Description  2-wire Serial Interface Real Time Clock IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R2023K Datasheet(HTML) 33 Page - RICOH electronics devices division

Back Button R2023K Datasheet HTML 29Page - RICOH electronics devices division R2023K Datasheet HTML 30Page - RICOH electronics devices division R2023K Datasheet HTML 31Page - RICOH electronics devices division R2023K Datasheet HTML 32Page - RICOH electronics devices division R2023K Datasheet HTML 33Page - RICOH electronics devices division R2023K Datasheet HTML 34Page - RICOH electronics devices division R2023K Datasheet HTML 35Page - RICOH electronics devices division R2023K Datasheet HTML 36Page - RICOH electronics devices division R2023K Datasheet HTML 37Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
R2023K/T
33
• Oscillation Adjustment Circuit
The oscillation adjustment circuit can be used to correct a time count gain or loss with high precision by varying the
number of 1-second clock pulses once per 20 seconds or 60 seconds. When DEV bit in the Oscillation Adjustment
Register is set to 0, R2023K/T varies number of 1-second clock pulses once per 20 seconds.
When DEV bit is set
to 1, R2023K/T varies number of 1-second clock pulses once per 60 seconds.
The oscillation adjustment circuit
can be disabled by writing the settings of "*, 0, 0, 0, 0, 0, *" ("*" representing "0" or "1") to the F6, F5, F4, F3, F2, F1,
and F0 bits in the oscillation adjustment circuit.
Conversely, when such oscillation adjustment is to be made, an
appropriate oscillation adjustment value can be calculated by the equation below for writing to the oscillation
adjustment circuit.
(1) When Oscillation Frequency (* 1) Is Higher Than Target Frequency (* 2) (Causing Time Count
Gain)
When DEV=0:
Oscillation adjustment value (*3) = (Oscillation frequency - Target Frequency + 0.1)
Oscillation frequency
× 3.051 × 10-6
≈ (Oscillation Frequency – Target Frequency) × 10 + 1
When DEV=1:
Oscillation adjustment value (*3) = (Oscillation frequency - Target Frequency + 0.0333)
Oscillation frequency
× 1.017 × 10-6
≈ (Oscillation Frequency – Target Frequency) × 30 + 1
* 1) Oscillation frequency:
Frequency of clock pulse output from the 32KOUT pin at normal temperature in the manner described in "
P30
• Measurement of Oscillation Frequency".
* 2) Target frequency:
Desired frequency to be set.
Generally, a 32.768-kHz quartz crystal unit has such temperature
characteristics as to have the highest oscillation frequency at normal temperature.
Consequently, the quartz
crystal unit is recommended to have target frequency settings on the order of 32.768 to 32.76810 kHz
(+3.05ppm relative to 32.768 kHz).
Note that the target frequency differs depending on the environment or
location where the equipment incorporating the RTC is expected to be operated.
* 3) Oscillation adjustment value:
Value that is to be finally written to the F0 to F6 bits in the Oscillation Adjustment Register and is
represented in 7-bit coded decimal notation.
(2) When Oscillation Frequency Is Equal To Target Frequency (Causing Time Count neither Gain
nor Loss)
Oscillation adjustment value = 0, +1, -64, or –63
(3) When Oscillation Frequency Is Lower Than Target Frequency (Causing Time Count Loss)
When DEV=0:
Oscillation adjustment value = (Oscillation frequency - Target Frequency)
Oscillation frequency
× 3.051 × 10-6
≈ (Oscillation Frequency – Target Frequency) × 10
When DEV=1:
Oscillation adjustment value = (Oscillation frequency - Target Frequency)
Oscillation frequency
× 1.017 × 10-6
≈ (Oscillation Frequency – Target Frequency) × 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com