Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2023K Datasheet(PDF) 24 Page - RICOH electronics devices division

Part # R2023K
Description  2-wire Serial Interface Real Time Clock IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R2023K Datasheet(HTML) 24 Page - RICOH electronics devices division

Back Button R2023K Datasheet HTML 20Page - RICOH electronics devices division R2023K Datasheet HTML 21Page - RICOH electronics devices division R2023K Datasheet HTML 22Page - RICOH electronics devices division R2023K Datasheet HTML 23Page - RICOH electronics devices division R2023K Datasheet HTML 24Page - RICOH electronics devices division R2023K Datasheet HTML 25Page - RICOH electronics devices division R2023K Datasheet HTML 26Page - RICOH electronics devices division R2023K Datasheet HTML 27Page - RICOH electronics devices division R2023K Datasheet HTML 28Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 50 page
background image
R2023K/T
24
(3) Data Transmission Format in I
2C-Bus
I
2C-Bus has no chip enable signal line. In place of it, each device has a 7bit Slave Address allocated. The first
1byte is allocated to this 7bit address and to the command (R/W) for which data transmission direction is
designated by the data transmission thereafter.
7bit address is sequentially transmitted from the MSB and 2 and
after bytes are read, when 8bit is “H” and when write “L”.
The Slave Address of the R2023K/T is specified at (0110010).
At the end of data transmission / receiving, Stop Condition is generated to complete transmission. However, if start
condition is generated without generating Stop Condition, Repeated Start Condition is met and transmission /
receiving data may be continue by setting the Slave Address again. Use this procedure when the transmission
direction needs to be change during one transmission.
S
A
A
Data
/A P
Data is written to the slave
from the master
S
0
A
Slave Address
Data
A
A P
W hen data is read from the
slave immediately after 7bit
addressing from the master
Master to slave
Slave to master
Sr Repeated Start Condition
P
Stop Condition
A
A
/A Acknowledge Signal
R/W =1(Read)
(0110010)
Inform read has been completed by not generate
an acknowledge signal to the slave side.
Data
R/W=0(Write)
(0110010)
W hen
the
transmission
direction is to be changed
during transmission.
Sr
1
0
A
A
R/W=0(Write)
A
Data
R/W =1(Read)
(0110010)
S
1
A
/A P
Inform read has been completed by not generate
an acknowledge signal to the slave side.
Data
S
Start Condition
(0110010)
Slave Address
Salve Address
Slave Address
Data
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com