Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2023K Datasheet(PDF) 41 Page - RICOH electronics devices division

Part # R2023K
Description  2-wire Serial Interface Real Time Clock IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R2023K Datasheet(HTML) 41 Page - RICOH electronics devices division

Back Button R2023K Datasheet HTML 37Page - RICOH electronics devices division R2023K Datasheet HTML 38Page - RICOH electronics devices division R2023K Datasheet HTML 39Page - RICOH electronics devices division R2023K Datasheet HTML 40Page - RICOH electronics devices division R2023K Datasheet HTML 41Page - RICOH electronics devices division R2023K Datasheet HTML 42Page - RICOH electronics devices division R2023K Datasheet HTML 43Page - RICOH electronics devices division R2023K Datasheet HTML 44Page - RICOH electronics devices division R2023K Datasheet HTML 45Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 50 page
background image
R2023K/T
41
*1) Pulse Mode:
2-Hz and 1-Hz clock pulses are output in synchronization with the increment of the second counter as
illustrated in the timing chart below.
INTRA Pin
Rewriting of the second counter
CTFG Bit
Approx. 92
µs
(Increment of second counter)
In the pulse mode, the increment of the second counter is delayed by approximately 92
µs from the falling
edge of clock pulses.
Consequently, time readings immediately after the falling edge of clock pulses may
appear to lag behind the time counts of the real-time clocks by approximately 1 second.
Rewriting the
second counter will reset the other time counters of less than 1 second, driving the INTRA pin low.
*2) Level Mode:
Periodic interrupt signals are output with selectable interrupt cycle settings of 1 second, 1 minute, 1 hour, and
1 month.
The increment of the second counter is synchronized with the falling edge of periodic interrupt
signals.
For example, periodic interrupt signals with an interrupt cycle setting of 1 second are output in
synchronization with the increment of the second counter as illustrated in the timing chart below.
INTRA Pin
(Increment of
second counter)
CTFG Bit
Setting CTFG bit to 0
Setting CTFG bit to 0
(Increment of
second counter)
(Increment of
second counter)
*1), *2) When the oscillation adjustment circuit is used, the interrupt cycle will fluctuate once per 20sec. as
follows:
Pulse Mode: The “L” period of output pulses will increment or decrement by a maximum of
±3.784ms. For
example, 1-Hz clock pulses will have a duty cycle of 50
±0.3784%.
Level Mode: A periodic interrupt cycle of 1 second will increment or decrement by a maximum of
±3.784 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com