Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2023K Datasheet(PDF) 38 Page - RICOH electronics devices division

Part # R2023K
Description  2-wire Serial Interface Real Time Clock IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R2023K Datasheet(HTML) 38 Page - RICOH electronics devices division

Back Button R2023K Datasheet HTML 34Page - RICOH electronics devices division R2023K Datasheet HTML 35Page - RICOH electronics devices division R2023K Datasheet HTML 36Page - RICOH electronics devices division R2023K Datasheet HTML 37Page - RICOH electronics devices division R2023K Datasheet HTML 38Page - RICOH electronics devices division R2023K Datasheet HTML 39Page - RICOH electronics devices division R2023K Datasheet HTML 40Page - RICOH electronics devices division R2023K Datasheet HTML 41Page - RICOH electronics devices division R2023K Datasheet HTML 42Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 50 page
background image
R2023K/T
38
• Voltage Monitoring Circuit
The supply monitoring circuit is configured to conduct a sampling operation during an interval of 7.8ms per second
to check for a drop in supply voltage below a threshold voltage of 1.6 or 1.3v for the VDSL bit setting of 0 (the
default setting) or 1, respectively, in the Control Register 2, thus minimizing supply current requirements as
illustrated in the timing chart below.
This circuit suspends a sampling operation once the VDET bit is set to 1 in
the Control Register 2.
The supply voltage monitor is useful for back-up battery checking.
VDET
(D6 in Address Fh)
PON
VDD
1.6v or 1.3v
1s
VDET
←0
7.8ms
Sampling timing for
VDD supply voltage
Internal
initialization
period
(1 to 2sec.)
PON
←0
VDET
←0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com