Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2023K Datasheet(PDF) 32 Page - RICOH electronics devices division

Part # R2023K
Description  2-wire Serial Interface Real Time Clock IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R2023K Datasheet(HTML) 32 Page - RICOH electronics devices division

Back Button R2023K Datasheet HTML 28Page - RICOH electronics devices division R2023K Datasheet HTML 29Page - RICOH electronics devices division R2023K Datasheet HTML 30Page - RICOH electronics devices division R2023K Datasheet HTML 31Page - RICOH electronics devices division R2023K Datasheet HTML 32Page - RICOH electronics devices division R2023K Datasheet HTML 33Page - RICOH electronics devices division R2023K Datasheet HTML 34Page - RICOH electronics devices division R2023K Datasheet HTML 35Page - RICOH electronics devices division R2023K Datasheet HTML 36Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
R2023K/T
32
However, if adding CGOUT and/or CDOUT, Time keeping Voltage and Current will be worse, and it will be hard to
oscillate.
For reference, the data of Time keeping voltage and current when adding CGOUT=CDOUT=5pF are
shown in the table below.
(Topt=-40 to 85
°C, VSS=0v)
PIN
Item
Condition
Min.
TYP.
MAX.
UNITS
Vclk
Time Keeping
Voltage
CGout=CDout=5pF
1.15
5.5
V
IDD
Time Keeping
Current
VDD=3V,
SCL, SDA, CLKC=0V
32KOUT=OPEN
OUTPUT=OPEN
CGout=CDout=0pF
0.55
1.20
µA
Course (D)
It is necessary to select the crystal oscillator in the same manner as in Course (C) as well as correct errors in the
time count of each RTC in the same manner as in Course (B) by the method described in " P.33
• Oscillation
Adjustment Circuit ".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com