Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2023K Datasheet(PDF) 16 Page - RICOH electronics devices division

Part # R2023K
Description  2-wire Serial Interface Real Time Clock IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R2023K Datasheet(HTML) 16 Page - RICOH electronics devices division

Back Button R2023K Datasheet HTML 12Page - RICOH electronics devices division R2023K Datasheet HTML 13Page - RICOH electronics devices division R2023K Datasheet HTML 14Page - RICOH electronics devices division R2023K Datasheet HTML 15Page - RICOH electronics devices division R2023K Datasheet HTML 16Page - RICOH electronics devices division R2023K Datasheet HTML 17Page - RICOH electronics devices division R2023K Datasheet HTML 18Page - RICOH electronics devices division R2023K Datasheet HTML 19Page - RICOH electronics devices division R2023K Datasheet HTML 20Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
R2023K/T
16
• Time Counter (Address 0-2h)
Second Counter (Address 0h)
D7
D6
D5
D4
D3
D2
D1
D0
-
S40
S20
S10
S8
S4
S2
S1
(For Writing)
0
S40
S20
S10
S8
S4
S2
S1
(For Reading)
0
Indefi
nite
Indefi
nite
Indefi
nite
Indefi
nite
Indefi
nite
Indefi
nite
Indefi
nite
Default Settings *)
Minute Counter (Address 1h)
D7
D6
D5
D4
D3
D2
D1
D0
-
M40
M20
M10
M8
M4
M2
M1
(For Writing)
0
M40
M20
M10
M8
M4
M2
M1
(For Reading)
0
Indefi
nite
Indefi
nite
Indefi
nite
Indefi
nite
Indefi
nite
Indefi
nite
Indefi
nite
Default Settings *)
Hour Counter (Address 2h)
D7
D6
D5
D4
D3
D2
D1
D0
-
-
P/ A
or
H20
H10
H8
H4
H2
H1
(For Writing)
0
0
P/ A
or
H20
H10
H8
H4
H2
H1
(For Reading)
0
0
Indefi
nite
Indefi
nite
Indefi
nite
Indefi
nite
Indefi
nite
Indefi
nite
Default Settings *)
*)
Default settings:
Default value means read / written values when the PON bit is set to “1” due to VDD
power-on from 0 volts.
* Time digit display (BCD format) as follows:
The second digits range from 00 to 59 and are carried to the minute digit in transition from 59 to 00.
The minute digits range from 00 to 59 and are carried to the hour digits in transition from 59 to 00.
The hour digits range as shown in "P12
• Control Register 1 (ADDRESS Eh) (2) 12 /24: 12 /24-hour
Mode Selection Bit" and are carried to the day-of-month and day-of-week digits in transition from PM11 to
AM12 or from 23 to 00.
* Any writing to the second counter resets divider units of less than 1 second.
* Any carry from lower digits with the writing of non-existent time may cause the time counters to malfunction.
Therefore, such incorrect writing should be replaced with the writing of existent time data.
• Day-of-week Counter (Address 3h)
D7
D6
D5
D4
D3
D2
D1
D0
-
-
-
-
-
W4
W2
W1
(For Writing)
0
0
0
0
0
W4
W2
W1
(For Reading)
0
0
0
0
0
Indefi
nite
Indefi
nite
Indefi
nite
Default Settings *)
*)
Default settings:
Default value means read / written values when the PON bit is set to “1” due to VDD
power-on from 0 volts.
* The day-of-week counter is incremented by 1 when the day-of-week digits are carried to the day-of-month
digits.
*
Day-of-week display (incremented in septimal notation):
(W4, W2, W1) = (0, 0, 0)
→ (0, 0, 1)→…→(1, 1, 0) → (0, 0, 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com