Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2023K Datasheet(PDF) 47 Page - RICOH electronics devices division

Part # R2023K
Description  2-wire Serial Interface Real Time Clock IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R2023K Datasheet(HTML) 47 Page - RICOH electronics devices division

Back Button R2023K Datasheet HTML 42Page - RICOH electronics devices division R2023K Datasheet HTML 43Page - RICOH electronics devices division R2023K Datasheet HTML 44Page - RICOH electronics devices division R2023K Datasheet HTML 45Page - RICOH electronics devices division R2023K Datasheet HTML 46Page - RICOH electronics devices division R2023K Datasheet HTML 47Page - RICOH electronics devices division R2023K Datasheet HTML 48Page - RICOH electronics devices division R2023K Datasheet HTML 49Page - RICOH electronics devices division R2023K Datasheet HTML 50Page - RICOH electronics devices division  
Zoom Inzoom in Zoom Outzoom out
 47 / 50 page
background image
R2023K/T
47
Typical Software-based Operations
• Initialization at Power-on
Start
*1)
Yes
No
VDET=0?
Warning Back-up
Battery Run-down
Set Oscillation Adjustment
Register and Control
Register 1 and 2, etc.
Power-on
*2)
*4)
*3)
PON=1?
Yes
No
*1) After power-on from 0 volt, the start of oscillation and the process of internal initialization require a time
span on 1to 2seconds, so that access should be done after the lapse of this time span or more.
*2) The PON bit setting of 0 in the Control Register 1 indicates power-on from backup battery and not from 0v.
For further details, see "P.36
• PON, XST , VDET".
*3) This step is not required when the supply voltage monitoring circuit is not used.
*4) This step involves ordinary initialization including the Oscillation Adjustment Register and interrupt cycle
settings, etc.
• Writing of Time and Calendar Data
Write to Time Counter and
Calendar Counter
*2)
Stop Condition
*3)
Start Condition
*1)
*1) When writing to clock and calendar counters, do not insert Stop
Condition until all times from second to year have been written to
prevent error in writing time. (Detailed in "P.28 Data Transmission
under Special Condition".
*2) Any writing to the second counter will reset divider units lower
than the second digits.
*3) Take care so that process from Start Condition to Stop Condition
will
be
complete
within
0.5sec.
(Detailed
in
"P.28
Data
Transmission under Special Condition".
The R2023K/T may also be initialized not at power-on but in the
process of writing time and calendar data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com