Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2023K Datasheet(PDF) 44 Page - RICOH electronics devices division

Part # R2023K
Description  2-wire Serial Interface Real Time Clock IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R2023K Datasheet(HTML) 44 Page - RICOH electronics devices division

Back Button R2023K Datasheet HTML 40Page - RICOH electronics devices division R2023K Datasheet HTML 41Page - RICOH electronics devices division R2023K Datasheet HTML 42Page - RICOH electronics devices division R2023K Datasheet HTML 43Page - RICOH electronics devices division R2023K Datasheet HTML 44Page - RICOH electronics devices division R2023K Datasheet HTML 45Page - RICOH electronics devices division R2023K Datasheet HTML 46Page - RICOH electronics devices division R2023K Datasheet HTML 47Page - RICOH electronics devices division R2023K Datasheet HTML 48Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 50 page
background image
R2023K/T
44
• Connection of INTRA or INTRB Pin
The INTRA or INTRB pin follows the N-channel open drain output logic and contains no protective diode on the
power supply side.
As such, it can be connected to a pull-up resistor of up to 5.5v regardless of supply voltage.
VDD
OSCIN
OSCOUT
INTRA or INTRB
*1)
32768Hz
B
A
Backup power supply
System power supply
VSS
• Connection of 32KOUT Pin
As the 32KOUT pin is CMOS output, the supply voltage of the R2023K/T and any devices to be connected should
be the same.
When the device is powered down, the 32KOUT output pin should be disabled.
When the CLKC pin is connected to the system power supply through the pull-up resistor, the pull-up resistor
should be 0
Ω to 10kΩ, and the 32KOUT pin should be connect to the host device through the resistor (approx.
10k
Ω)
VDD
CLKC
VSS
Back-up Power Supply
CPU Power Supply
32KOUT
R3111
XXXXC
VDD
CPU
VSS
Back-up Power supply
CPU Power Supply
Approx.10K
Ω
32KOUT
0 to 10K
Ω
CLKC
*1) Depending
on
whether
the
INTRA
or
INTRB pin is used during battery backup, it
should be connected to a pull-up resistor at
the following different positions:
(1) Position A in the left diagram when it is not to
be used during battery backup.
(2) Position B in the left diagram when it is to be
used during battery backup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com