Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2023K Datasheet(PDF) 40 Page - RICOH electronics devices division

Part # R2023K
Description  2-wire Serial Interface Real Time Clock IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R2023K Datasheet(HTML) 40 Page - RICOH electronics devices division

Back Button R2023K Datasheet HTML 36Page - RICOH electronics devices division R2023K Datasheet HTML 37Page - RICOH electronics devices division R2023K Datasheet HTML 38Page - RICOH electronics devices division R2023K Datasheet HTML 39Page - RICOH electronics devices division R2023K Datasheet HTML 40Page - RICOH electronics devices division R2023K Datasheet HTML 41Page - RICOH electronics devices division R2023K Datasheet HTML 42Page - RICOH electronics devices division R2023K Datasheet HTML 43Page - RICOH electronics devices division R2023K Datasheet HTML 44Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 50 page
background image
R2023K/T
40
this circuit when set to 1 and to disable it when set to 0.
When intended for reading, the flag bits can be used to
monitor alarm interrupt signals.
When intended for writing, the flag bits will cause no event when set to 1 and will
drive high (disable) the alarm interrupt circuit when set to 0.
The enable bits will not be affected even when the flag bits are set to 0.
In this event, therefore, the alarm
interrupt circuit will continue to function until it is driven low (enabled) upon the next occurrence of a match between
current time and preset alarm time.
The alarm function can be set by presetting desired alarm time in the alarm registers (the Alarm_W Registers for
the day-of-week digit settings and both the Alarm_W Registers and the Alarm_D Registers for the hour and minute
digit settings) with the WALE and DALE bits once set to 0 and then to 1 in the Control Register 1.
Note that the
WALE and DALE bits should be once set to 0 in order to disable the alarm interrupt circuit upon the coincidental
occurrence of a match between current time and preset alarm time in the process of setting the alarm function.
current time =
preset alarm time
WALE
←1
(DALE)
Interval (1min.) during which a match
between current time and preset alarm time
occurs
current time =
preset alarm time
WAFG
←0
(DAFG)
INTRB
(INTRA)
WALE
←1
(DALE)
WALE
←1
(DALE)
current time =
preset alarm time
WALE
←0
(DALE)
current time =
preset alarm time
INTRB
(INTRA)
After setting WALE(DALW) to 0, Alarm registers is set to current time, and WALE(DALE) is set to 1,
INTRB ( INTRA ) will be not driven to “L” immediately, INTRB ( INTRA ) will be driven to “L” at next alarm setting
time.
• Periodic Interrupt
Setting of the periodic selection bits (CT2 to CT0) enables periodic interrupt to the CPU. There are two waveform
modes: pulse mode and level mode.
In the pulse mode, the output has a waveform duty cycle of around 50%. In
the level mode, the output is cyclically driven low and, when the CTFG bit is set to 0, the output is return to High
(OFF).
Description
CT2
CT1
CT0
Wave form
mode
Interrupt Cycle and Falling Timing
0
0
0
-
OFF(H)
(Default)
0
0
1
-
Fixed at “L”
0
1
0
Pulse Mode *1)
2Hz(Duty50%)
0
1
1
Pulse Mode *1)
1Hz(Duty50%)
1
0
0
Level Mode *2)
Once per 1 second (Synchronized with
Second counter increment)
1
0
1
Level Mode *2)
Once per 1 minute (at 00 seconds of every
Minute)
1
1
0
Level Mode *2)
Once per hour (at 00 minutes and 00
Seconds of every hour)
1
1
1
Level Mode *2)
Once per month (at 00 hours, 00 minutes,
and 00 seconds of first day of every month)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com