Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2023K Datasheet(PDF) 35 Page - RICOH electronics devices division

Part # R2023K
Description  2-wire Serial Interface Real Time Clock IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R2023K Datasheet(HTML) 35 Page - RICOH electronics devices division

Back Button R2023K Datasheet HTML 31Page - RICOH electronics devices division R2023K Datasheet HTML 32Page - RICOH electronics devices division R2023K Datasheet HTML 33Page - RICOH electronics devices division R2023K Datasheet HTML 34Page - RICOH electronics devices division R2023K Datasheet HTML 35Page - RICOH electronics devices division R2023K Datasheet HTML 36Page - RICOH electronics devices division R2023K Datasheet HTML 37Page - RICOH electronics devices division R2023K Datasheet HTML 38Page - RICOH electronics devices division R2023K Datasheet HTML 39Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 50 page
background image
R2023K/T
35
2. Access to R2023K/T at random, or synchronized with external clock that has no relation to R2023K/T, or
synchronized with periodic interrupt in pulse mode.
3. Access to R2023K/T more than 2 times per each second on average.
For more details, please contact to Ricoh.
• How to evaluate the clock gain or loss
The oscillator adjustment circuit is configured to change time counts of 1 second on the basis of the settings of the
oscillation adjustment register once in 20 seconds or 60 seconds.
The oscillation adjustment circuit does not
effect the frequency of 32768Hz-clock pulse output from the 32KOUT pin.
Therefore, after writing the oscillation
adjustment register, we cannot measure the clock error with probing 32KOUT clock pulses. The way to measure
the clock error as follows:
(1) Output a 1Hz clock pulse of Pulse Mode with interrupt pin
Set (0,0,x,x,0,0,1,1) to Control Register 1 at address Eh.
(2) After setting the oscillation adjustment register, 1Hz clock period changes every 20seconds ( or every 60
seconds) like next page figure.
1Hz clock pulse
T0
T0
T0
T1
1 time
19 times
Measure the interval of T0 and T1 with frequency counter.
A frequency counter with 7 or more digits is
recommended for the measurement.
(3) Calculate the typical period from T0 and T1
T = (19
×T0+1×T1)/20
Calculate the time error from T.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com