Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2023K Datasheet(PDF) 14 Page - RICOH electronics devices division

Part # R2023K
Description  2-wire Serial Interface Real Time Clock IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R2023K Datasheet(HTML) 14 Page - RICOH electronics devices division

Back Button R2023K Datasheet HTML 10Page - RICOH electronics devices division R2023K Datasheet HTML 11Page - RICOH electronics devices division R2023K Datasheet HTML 12Page - RICOH electronics devices division R2023K Datasheet HTML 13Page - RICOH electronics devices division R2023K Datasheet HTML 14Page - RICOH electronics devices division R2023K Datasheet HTML 15Page - RICOH electronics devices division R2023K Datasheet HTML 16Page - RICOH electronics devices division R2023K Datasheet HTML 17Page - RICOH electronics devices division R2023K Datasheet HTML 18Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 50 page
background image
R2023K/T
14
*1), *2) When the oscillation adjustment circuit is used, the interrupt cycle will fluctuate once per 20sec. or
60sec. as follows:
Pulse Mode: The “L” period of output pulses will increment or decrement by a maximum of
±3.784 ms. For
example, 1-Hz clock pulses will have a duty cycle of 50
±0.3784%.
Level Mode: A periodic interrupt cycle of 1 second will increment or decrement by a maximum of
±3.784 ms.
• Control Register 2 (Address Fh)
D7
D6
D5
D4
D3
D2
D1
D0
VDSL
VDET
XST
PON
CLEN1
CTFG
WAFG
DAFG
(For Writing)
VDSL
VDET
XST
PON
CLEN1
CTFG
WAFG
DAFG
(For Reading)
0
0
Indefinite
1
0
0
0
0
Default Settings *)
*)
Default settings:
Default value means read / written values when the PON bit is set to “1” due to VDD
power-on from 0 volts.
(1) VDSL
VDD Supply Voltage Monitoring Threshold Selection Bit
VDSL
Description
0
Selecting the VDD supply voltage monitoring threshold setting of
1.6v.
(Default)
1
Selecting the VDD supply voltage monitoring threshold setting of
1.3v.
The VDSL bit is intended to select the VDD supply voltage monitoring threshold settings.
(2) VDET
Supply Voltage Monitoring Result Indication Bit
VDET
Description
0
Indicating supply voltage above the supply voltage monitoring
threshold settings.
(Default)
1
Indicating supply voltage below the supply voltage monitoring
threshold settings.
Once the VDET bit is set to 1, the supply voltage monitoring circuit will be disabled while the VDET bit will
hold
the setting of 1.
The VDET bit accepts only the writing of 0, which restarts the supply voltage monitoring
circuit.
Conversely, setting the VDET bit to 1 causes no event.
(3) XST
Oscillation Halt Sensing Monitor Bit
XST
Description
0
Sensing a halt of oscillation
1
Sensing a normal condition of oscillation
The XST accepts the reading and writing of 0 and 1.
The XST bit will be set to 0 when the oscillation
halt
sensing.
The XST bit will hold 0 even after the restart of oscillation.
(4) PON
Power-on-reset Flag Bit
PON
Description
0
Normal condition
1
Detecting VDD power-on -reset
(Default)
The PON bit is for sensing power-on reset condition.
* The PON bit will be set to 1 when VDD power-on from 0 volts.
The PON bit will hold the setting of 1 even
after power-on.
* When the PON bit is set to 1, all bits will be reset to 0, in the Oscillation Adjustment Register, Control
Register 1, and Control Register 2, except XST and PON.
As a result, INTR pin stops outputting.
* The PON bit accepts only the writing of 0.
Conversely, setting the PON bit to 1 causes no event.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com