Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2023K Datasheet(PDF) 37 Page - RICOH electronics devices division

Part # R2023K
Description  2-wire Serial Interface Real Time Clock IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R2023K Datasheet(HTML) 37 Page - RICOH electronics devices division

Back Button R2023K Datasheet HTML 33Page - RICOH electronics devices division R2023K Datasheet HTML 34Page - RICOH electronics devices division R2023K Datasheet HTML 35Page - RICOH electronics devices division R2023K Datasheet HTML 36Page - RICOH electronics devices division R2023K Datasheet HTML 37Page - RICOH electronics devices division R2023K Datasheet HTML 38Page - RICOH electronics devices division R2023K Datasheet HTML 39Page - RICOH electronics devices division R2023K Datasheet HTML 40Page - RICOH electronics devices division R2023K Datasheet HTML 41Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 50 page
background image
R2023K/T
37
32768Hz Oscillation
Power-on reset flag
(PON)
Oscillation halt
sensing flag (XST)
Threshold voltage (2.1V or 1.35V)
VDD
VDD supply voltage
monitor flag (VDET)
Internal initialization
period (1 to 2 sec.)
VDET
←0
XST
←1
PON
←0
VDET
←0
XST
←1
PON
←1
VDET
←0
XST
←1
PON
←0
Internal initialization
period (1 to 2 sec.)
When the PON bit is set to 1 in the control register 2, the DEV, F6 to F0, WALE, DALE, 12 /24, CLEN2 , TEST,
CT2, CT1, CT0, VDSL, VDET, CLEN1 , CTFG, WAFG, and DAFG bits are reset to 0 in the oscillation adjustment
register, the control register 1, and the control register 2.
The PON bit is also set to 1 at power-on from 0 volts.
< Considerations in Using Oscillation Halt Sensing Circuit >
Be sure to prevent the oscillation halt sensing circuit from malfunctioning by preventing the following:
1) Instantaneous power-down on the VDD
2) Condensation on the quartz crystal unit
3) On-board noise to the quartz crystal unit
4) Applying to individual pins voltage exceeding their respective maximum ratings
In particular, note that the XST bit may fail to be set to 0 in the presence of any applied supply voltage as
illustrated below in such events as backup battery installation. Further, give special considerations to prevent
excessive chattering in the oscillation halt sensing circuit.
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com