Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F6X2X Datasheet(PDF) 106 Page - Microchip Technology

Part # PIC18F6X2X
Description  64/80-Pin High Performance, 64-Kbyte Enhanced FLASH Microcontrollers with A/D
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6X2X Datasheet(HTML) 106 Page - Microchip Technology

Back Button PIC18F6X2X Datasheet HTML 102Page - Microchip Technology PIC18F6X2X Datasheet HTML 103Page - Microchip Technology PIC18F6X2X Datasheet HTML 104Page - Microchip Technology PIC18F6X2X Datasheet HTML 105Page - Microchip Technology PIC18F6X2X Datasheet HTML 106Page - Microchip Technology PIC18F6X2X Datasheet HTML 107Page - Microchip Technology PIC18F6X2X Datasheet HTML 108Page - Microchip Technology PIC18F6X2X Datasheet HTML 109Page - Microchip Technology PIC18F6X2X Datasheet HTML 110Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 386 page
background image
PIC18F6X2X/8X2X
DS39612A-page 104
Advance Information
 2003 Microchip Technology Inc.
9.6
INT0 Interrupt
External interrupts on the RB0/INT0, RB1/INT1,
RB2/INT2 and RB3/INT3 pins are edge-triggered:
either rising, if the corresponding INTEDGx bit is set in
the INTCON2 register or falling, if the INTEDGx bit is
clear. When a valid edge appears on the RBx/INTx pin,
the corresponding flag bit, INTxF, is set. This interrupt
can be disabled by clearing the corresponding enable
bit, INTxE. Flag bit, INTxF, must be cleared in software
in the Interrupt Service Routine before re-enabling the
interrupt. All external interrupts (INT0, INT1, INT2 and
INT3) can wake-up the processor from SLEEP if bit
INTxIE was set prior to going into SLEEP. If the global
interrupt enable bit GIE is set, the processor will branch
to the interrupt vector following wake-up.
The interrupt priority for INT1, INT2 and INT3 is
determined by the value contained in the interrupt
priority
bits:
INT1IP
(INTCON3<6>),
INT2IP
(INTCON3<7>) and INT3IP (INTCON2<1>). There is
no priority bit associated with INT0; it is always a high
priority interrupt source.
9.7
TMR0 Interrupt
In 8-bit mode (which is the default), an overflow in the
TMR0 register (FFh
→ 00h) will set flag bit TMR0IF. In
16-bit mode, an overflow in the TMR0H:TMR0L
registers (FFFFh
→ 0000h) will set flag bit TMR0IF. The
interrupt can be enabled/disabled by setting/clearing
enable bit, TMR0IE (INTCON<5>). Interrupt priority for
Timer0 is determined by the value contained in the
interrupt priority bit, TMR0IP (INTCON2<2>). See
Section 11.0 for further details on the Timer0 module.
9.8
PORTB Interrupt-on-Change
An input change on PORTB<7:4> sets flag bit RBIF
(INTCON<0>). The interrupt can be enabled/disabled
by setting/clearing enable bit, RBIE (INTCON<3>).
Interrupt priority for PORTB interrupt-on-change is
determined by the value contained in the interrupt
priority bit, RBIP (INTCON2<0>).
9.9
Context Saving During Interrupts
During an interrupt, the return PC value is saved on the
stack. Additionally, the WREG, STATUS and BSR
registers are saved on the fast return stack. If a fast
return from interrupt is not used (see Section 4.3), the
user may need to save the WREG, STATUS and BSR
registers
in
software.
Depending
on
the
user’s
application, other registers may also need to be saved.
Example 9-1 saves and restores the WREG, STATUS
and BSR registers during an Interrupt Service Routine.
EXAMPLE 9-1:
SAVING STATUS, WREG AND BSR REGISTERS IN RAM
MOVWF
W_TEMP
; W_TEMP is in virtual bank
MOVFF
STATUS, STATUS_TEMP
; STATUS_TEMP located anywhere
MOVFF
BSR,
BSR_TEMP
; BSR located anywhere
;
; USER ISR CODE
;
MOVFF
BSR_TEMP,
BSR
; Restore BSR
MOVF
W_TEMP,
W
; Restore WREG
MOVFF
STATUS_TEMP,STATUS
; Restore STATUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com