Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F6X2X Datasheet(PDF) 126 Page - Microchip Technology

Part # PIC18F6X2X
Description  64/80-Pin High Performance, 64-Kbyte Enhanced FLASH Microcontrollers with A/D
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6X2X Datasheet(HTML) 126 Page - Microchip Technology

Back Button PIC18F6X2X Datasheet HTML 122Page - Microchip Technology PIC18F6X2X Datasheet HTML 123Page - Microchip Technology PIC18F6X2X Datasheet HTML 124Page - Microchip Technology PIC18F6X2X Datasheet HTML 125Page - Microchip Technology PIC18F6X2X Datasheet HTML 126Page - Microchip Technology PIC18F6X2X Datasheet HTML 127Page - Microchip Technology PIC18F6X2X Datasheet HTML 128Page - Microchip Technology PIC18F6X2X Datasheet HTML 129Page - Microchip Technology PIC18F6X2X Datasheet HTML 130Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 386 page
background image
PIC18F6X2X/8X2X
DS39612A-page 124
Advance Information
 2003 Microchip Technology Inc.
10.8
PORTH, LATH, and TRISH
Registers
PORTH is an 8-bit wide, bi-directional I/O port. The cor-
responding data direction register is TRISH. Setting a
TRISH bit (= 1) will make the corresponding PORTH
pin an input (i.e., put the corresponding output driver in
a high-impedance mode). Clearing a TRISH bit (= 0)
will make the corresponding PORTH pin an output (i.e.,
put the contents of the output latch on the selected pin).
Read-modify-write operations on the LATH register,
read and write the latched output value for PORTH.
Pins RH7:RH4 are multiplexed with analog inputs
AN15:AN12. Pins RH3:RH0 are multiplexed with the
system bus as the external memory interface; they are
the high order address bits A19:A16. By default, pins
RH7:RH4 are enabled as A/D inputs and pins
RH3:RH0 are enabled as the system address bus.
Register ADCON1 configures RH7:RH4 as I/O or A/D
inputs. Register MEMCON configures RH3:RH0 as I/O
or system bus pins.
EXAMPLE 10-8:
INITIALIZING PORTH
FIGURE 10-18:
RH3:RH0 PINS BLOCK
DIAGRAM IN I/O MODE
FIGURE 10-19:
RH7:RH4 PINS BLOCK
DIAGRAM IN I/O MODE
Note:
PORTH is available only on PIC18F8X2X
devices.
Note 1: On
Power-on
Reset,
PORTH
pins
RH7:RH4 default to A/D inputs and read
as ‘0’.
2: On
Power-on
Reset,
PORTH
pins
RH3:RH0 default to system bus signals.
CLRF
PORTH
; Initialize PORTH by
; clearing output
; data latches
CLRF
LATH
; Alternate method
; to clear output
; data latches
MOVLW
0Fh
;
MOVWF
ADCON1
;
MOVLW
0CFh
; Value used to
; initialize data
; direction
MOVWF
TRISH
; Set RH3:RH0 as inputs
; RH5:RH4 as outputs
; RH7:RH6 as inputs
Data
Bus
WR LATH
WR TRISH
RD PORTH
Data Latch
TRIS Latch
RD TRISH
Schmitt
Trigger
Input
Buffer
I/O pin(1)
Q
D
CK
Q
D
CK
EN
QD
EN
RD LATH
or
PORTH
Note 1: I/O pins have diode protection to VDD and VSS.
Data
Bus
WR LATH
WR TRISH
RD PORTH
Data Latch
TRIS Latch
RD TRISH
Schmitt
Trigger
Input
Buffer
I/O pin(1)
Q
D
CK
Q
D
CK
EN
QD
EN
RD LATH
or
PORTH
To A/D Converter
Note 1: I/O pins have diode protection to VDD and VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com